Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2633 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2633
Description  Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2633 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2633 Datasheet HTML 1Page - National Semiconductor (TI) LM2633 Datasheet HTML 2Page - National Semiconductor (TI) LM2633 Datasheet HTML 3Page - National Semiconductor (TI) LM2633 Datasheet HTML 4Page - National Semiconductor (TI) LM2633 Datasheet HTML 5Page - National Semiconductor (TI) LM2633 Datasheet HTML 6Page - National Semiconductor (TI) LM2633 Datasheet HTML 7Page - National Semiconductor (TI) LM2633 Datasheet HTML 8Page - National Semiconductor (TI) LM2633 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Connection Diagram
TOP VIEW
20000801
48-Lead TSSOP (MTD)
Order Number LM2633MTD
See NS Package Number MTD48
Pin Descriptions
FB1 (Pin 1):The feedback input for Channel 1. Connect to
the load directly.
COMP1 (Pin 2): Channel 1 compensation network connec-
tion (connected to the output of the voltage error amplifier).
NC (Pins 3, 14, 15, 20, 26, 28, 37 and 47): No internal
connection.
ON/SS1 (Pin 4): Adding a capacitor to this pin provides a
soft-start function which minimizes inrush current and output
voltage overshoot; A lower than 0.8V input (open-collector
type) at this pin turns off Channel 1; also if both ON/SS1 and
ON/SS2 pins are below 0.8V, the whole IC goes into
shut
down mode. The soft-start capacitor voltage will eventually
be charged to V
IN or 6V, whichever is lower.
ON/SS2 (Pin 5): Adding a capacitor to this pin provides a
soft-start function which minimizes inrush current and output
voltage overshoot; A lower than 0.8V input (open-collector
type) at this pin turns off Channel 2; also if both ON/SS1 and
ON/SS2 pins are below 0.8V, the whole IC goes into
shut
down mode. The soft-start capacitor voltage will eventually
be charged to V
IN or 6V, whichever is lower.
VID4-0 (Pins 6-10): Voltage identification code. Each pin
has an internal pull-up. They can accept open collector
compatible 5-bit binary code from the CPU. The code table is
shown in
Table 3.
UV_ DELAY (Pin 11): A capacitor from this pin to ground
adjusts the delay for the output under-voltage lockout.
FPWM (Pin 12): When FPWM is low, pulse-skip mode op-
eration at light load is disabled. The regulator is forced to
operate in constant frequency mode.
PGOOD (Pin 13): : A constant monitor on the output volt-
ages. It indicates the general health of the regulators. For
more information,
see Power Good Truth Table (Table 2) and
Power Good Function in Operation Descriptions.
GND (Pin 16-17): Low-noise analog ground.
G3 (Pin 18): Connect to the base or gate of the linear
regulator pass transistor.
OUT3 (Pin 19): Connect to the output of the linear regulator.
FB3 (Pin 21): The feedback input for the linear regulator,
connected to the center of the external resistor divider.
COMP2 (Pin 22): Channel 2 compensation network connec-
tion (it’s the output of the voltage error amplifier).
FB2 (Pin 23): The feedback input for Channel 2. Connect to
the center of the output resistor divider.
SENSE2 (Pin 24): Remote sense pin of Channel 2. This pin
is used for skip-mode operation.
ILIM2 (Pin 25): Current limit threshold setting for Channel 2.
It sinks at a constant 10 µA current. A resistor is connected
between this pin and the top MOSFET drain. The voltage
across this resistor is compared with the V
DS of the top
MOSFET to determine if an over-current condition has oc-
curred in Channel 2.
KS2 (Pin 27): The Kelvin sense for the drain of the top
MOSFET of Channel 2.
SW2 (Pin 29): Switch-node connection for Channel 2, which
is connected to the source of the top MOSFET.
HDRV2 (Pin 30): Top gate-drive output for Channel 2.
HDRV2 is a floating drive output that rides on SW2 voltage.
CBOOT2 (Pin 31): Bootstrap capacitor connection for Chan-
nel 2 top gate drive. It is the positive supply rail for Channel
2 top gate drive.
VDD2 (Pin 32): The supply rail for Channel 2 bottom gate
drive.
LDRV2 (Pin 33): Bottom gate-drive output for Channel 2.
PGND2 (Pin 34): Power ground for Channel 2.
VIN (Pin 35): The regulator input voltage supply.
VLIN5 (Pin 36): The output of the internal 5V linear regula-
tor. Bypass to the ground with a 1UF ceramic capacitor.
When regulator input voltage is 5V, this pin can be tied to
VIN pin to improve light-load efficiency.
PGND1 (Pin 38-39): Power ground for Channel 1.
LDRV1 (Pin 40-41): Bottom gate-drive output for Channel 1.
VDD1 (Pin 42): The supply rail for the Channel 1 bottom
gate drive.
CBOOT1 (Pin 43): Bootstrap capacitor connection for Chan-
nel 1 top gate drive. It is the positive supply rail for Channel
1 top gate drive.
HDRV1 (Pin 44): Top gate-drive output for Channel 1.
HDRV1 is a floating drive output that rides on SW1 voltage.
SW1 (Pin 45): Switch-node connection for Channel 1, which
is connected to the source of the top MOSFET.
KS1 (Pin 46): The Kelvin sense for the drain of the top
MOSFET of Channel 1.
ILIM1 (Pin 48): Current limit threshold setting for Channel 1.
It sinks at a constant 10 µA current. A resistor is connected
between this pin and the top MOSFET drain. The voltage
across this resistor is compared with the V
DS of the top
MOSFET to determine if an over-current condition has oc-
curred in Channel 1.
www.national.com
2


Similar Part No. - LM2633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Similar Description - LM2633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Fairchild Semiconductor
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com