Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

174642 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 174642
Description  This specification covers the requirements for product performance
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

174642 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 174642 Datasheet HTML 4Page - Tyco Electronics 174642 Datasheet HTML 5Page - Tyco Electronics 174642 Datasheet HTML 6Page - Tyco Electronics 174642 Datasheet HTML 7Page - Tyco Electronics 174642 Datasheet HTML 8Page - Tyco Electronics 174642 Datasheet HTML 9Page - Tyco Electronics 174642 Datasheet HTML 10Page - Tyco Electronics 174642 Datasheet HTML 11Page - Tyco Electronics 174642 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Product Specification
108-5246
Rev. L
8 of 21
項目
試験項目
Para.
Test
Items
Requirements
Procedures
3.5.17
微加振動
(ハンマー衝撃)
加振中 1μsecをこえる不連続
導通を生じないこと。
総合抵抗(ローレベル):
20 mΩ 最大(試験後)
嵌合したコネクタをFig.8に示す
条件で10000回加振し、Fig.9に示
す測定回路により印加電圧 DC
10V,1mAの試験電流を通電させた
状態で試験を行い、加振中の抵抗
の変動をモニターする。
尚、嵌合後のコネクタはFig.7に
示す様に固定して行う。
3.5.17
Hammerring Shocks
No electrical discontinuity
greater than 1μsec.shall
occur.
Termination resistance
(low level)(Final)
20 mΩ Max.
Subject mated connectors on PCB
as shown in Fig.7,Under 10000
cycles of repeated hammering
shocks of the condition as
shown in Fig.8,with the test
current of 1mA at 10VDC applied
to the circuit as shown in
Fig.9.During the test, the
circuit shall be monitored for
fluctuation of electrical
resistance.
The clamping manner shall be in
accordance with
Fig.7 after
mating the connectors.
3.5.18
衝撃
衝撃により1 μsec. を越える
不連続導通を生じないこと。
総合抵抗(ローレベル):
20 mΩ 最大(試験後)
嵌合したコネクタに11m秒間に
50Gの正弦波を生じるような衝撃
を直交する三方向軸の正負方向
に3回まで合計18回与えること
MIL-STD-202、験法213,条件A
尚、嵌合後のコネクタはFig.7に
示す様に固定して行う。
Fig.2 (続き)
Fig.2(To be continued)


Similar Part No. - 174642

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1746466 PHOENIX-1746466 Datasheet
49Kb / 3P
   Printed-circuit board connector - MCV 1,5/ 2-G-3,5-RN AU GY
1746482 PHOENIX-1746482 Datasheet
49Kb / 3P
   Printed-circuit board connector - MCV 1,5/ 3-G-3,5-RN AU GY
More results

Similar Description - 174642

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TE21748032 ETC2-TE21748032 Datasheet
246Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance...
1N5554 ETC1-1N5554 Datasheet
202Kb / 28P
   This specification covers the performance requirements for silicon, general purpose,
logo
ATTEND Technology Inc.
115B ATTEND-115B Datasheet
336Kb / 5P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
126B ATTEND-126B Datasheet
447Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
DDR ATTEND-DDR Datasheet
388Kb / 7P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115H ATTEND-115H Datasheet
149Kb / 3P
   This specification covers the requirements for product performance, test methods and quality assurance provisions of 115H-BA00.
2013/08/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com