Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP406017 Datasheet(PDF) 2 Page - Littelfuse

Part # SP406017
Description  TVS Diode Arrays (SPA짰 Diodes)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP406017 Datasheet(HTML) 2 Page - Littelfuse

  SP406017 Datasheet HTML 1Page - Littelfuse SP406017 Datasheet HTML 2Page - Littelfuse SP406017 Datasheet HTML 3Page - Littelfuse SP406017 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 10/15/16
TVS Diode Arrays (SPA®Diodes)
Lightning Surge Protection - SP4060 Series
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the device
at these or any other conditions above those indicated in the operational sections of this
specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
I
PP
Peak Current (t
p=8/20μs)
20.0
A
P
PK
Peak Pulse Power (t
p=8/20µs)
300
W
T
OP
Operating Temperature
–40 to 125
ºC
T
STOR
Storage Temperature
–55 to 150
°C
Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
2.5
V
Snap Back Voltage
V
SB
I
SB=50mA
2.0
V
Reverse Leakage Current
I
LEAK
V
R=2.5V, I/O to GND
0.5
1.0
µA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
4.5
5.5
V
I
PP=5A, tp=8/20µs, Fwd
6.0
7.2
V
I
PP=10A, tp=8/20µs, Fwd
8.0
9.6
V
I
PP=20A, tp=8/20µs, Fwd
12.5
15.0
V
ESD Withstand Voltage1
V
ESD
IEC61000-4-2 (Contact)
±30
kV
IEC61000-4-2 (Air)
±30
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V
4.4
5.0
pF
Diode Capacitance1
C
I/O-I/O
Reverse Bias=0V
2.2
pF
Note: 1. Parameter is guaranteed by design and/or device characterization.
Thermal Information
Parameter
Rating
Units
Storage Temperature Range
–55 to 150
°C
Maximum Junction Temperature
150
°C
Maximum Lead Temperature
(Soldering 20-40s)
260
°C
Clamping Voltage vs. I
PP
8/20µs Pulse Waveform
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
0.0
5.0
10.0
15.0
20.0
25.0
30.0
Time (s)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
Peak Pulse Current-I
PP (A)
1.0
3.0
5.0
7.0
9.0
11.0
13.0
15.0
17.0
19.0
21.0


Similar Part No. - SP406017

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4060 LITTELFUSE-SP4060 Datasheet
628Kb / 4P
   SP4060 Series 2.5V 20A Rail Clamp Array
SP4060-08ATG LITTELFUSE-SP4060-08ATG Datasheet
152Kb / 1P
   1000 relates to the data rate in Mbps (i.e. 1000Mbps)
SP4060-08ATG LITTELFUSE-SP4060-08ATG Datasheet
548Kb / 1P
   LVDS is a low noise, low-voltage signal scheme that uses a small current (typically 3.5mA) to generate a voltage drop across a 100廓 resistor to convey information or data
More results

Similar Description - SP406017

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP724AHTG LITTELFUSE-SP724AHTG Datasheet
706Kb / 6P
   TVS Diode Arrays (SPA짰 Diodes) General Purpose ESD Protection - SP724 Series
SP3130 LITTELFUSE-SP3130 Datasheet
2Mb / 5P
   TVS Diode Arrays (SPA 짰 Diodes)
SP723 LITTELFUSE-SP723 Datasheet
260Kb / 6P
   TVS Diode Arrays
SP724 LITTELFUSE-SP724 Datasheet
160Kb / 6P
   TVS Diode Arrays
SP5001 LITTELFUSE-SP5001 Datasheet
639Kb / 5P
   TVS Diode Arrays
SP0504S LITTELFUSE-SP0504S Datasheet
1Mb / 4P
   TVS Diode Arrays
SP0524P LITTELFUSE-SP0524P Datasheet
1Mb / 4P
   TVS Diode Arrays
logo
Bourns Electronic Solut...
CDSOT236-T05C BOURNS-CDSOT236-T05C_12 Datasheet
296Kb / 4P
   TVS Diode Arrays
logo
Littelfuse
SP720 LITTELFUSE-SP720 Datasheet
169Kb / 6P
   TVS Diode Arrays
SP3050 LITTELFUSE-SP3050_11 Datasheet
273Kb / 4P
   TVS Diode Arrays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com