Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP1.5KE15A Datasheet(PDF) 2 Page - Littelfuse

Part # TP1.5KE15A
Description  Transient Voltage Suppression Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TP1.5KE15A Datasheet(HTML) 2 Page - Littelfuse

  TP1.5KE15A Datasheet HTML 1Page - Littelfuse TP1.5KE15A Datasheet HTML 2Page - Littelfuse TP1.5KE15A Datasheet HTML 3Page - Littelfuse TP1.5KE15A Datasheet HTML 4Page - Littelfuse TP1.5KE15A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Transient Voltage Suppression Diodes
©2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/25/16
Axial Leaded – 1500W > TP1.5KE series
Electrical Characteristics (T
A=25°C unless otherwise noted)
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown Voltage V
BR
(Volts) @ I
T
Test
Current
I
T (mA)
Maximum
Clamping
Voltage
V
C @ Ipp
(Volts)
Maximum
Peak Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R @
V
R (µA)
Agency
Approval
MIN
MAX
TP1.5KE12A
TP1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
X
TP1.5KE13A
TP1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
1
X
TP1.5KE15A
TP1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
1
X
TP1.5KE16A
TP1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
1
X
TP1.5KE18A
TP1.5KE18CA
15.30
17.10
18.90
1
25.2
60.3
1
X
TP1.5KE20A
TP1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
1
X
TP1.5KE22A
TP1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
1
X
TP1.5KE24A
TP1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
1
X
TP1.5KE27A
TP1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
1
X
TP1.5KE30A
TP1.5KE30CA
25.60
28.50
31.50
1
41.4
36.7
1
X
TP1.5KE33A
TP1.5KE33CA
28.20
31.40
34.70
1
45.7
33.3
1
X
TP1.5KE36A
TP1.5KE36CA
30.80
34.20
37.80
1
49.9
30.5
1
X
TP1.5KE39A
TP1.5KE39CA
33.30
37.10
41.00
1
53.9
28.2
1
X
TP1.5KE43A
TP1.5KE43CA
36.80
40.90
45.20
1
59.3
25.6
1
X
TP1.5KE47A
TP1.5KE47CA
40.20
44.70
49.40
1
64.8
23.5
1
X
I-V Curve Characteristics
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
Vc VBR VR
IR
IT
Ipp
V
Vc
VBR
VR
Ipp
IR
IT
Bi-directional
P
PPM Peak Pulse Power Dissipation -- Max power dissipation
V
R
Stand-off Voltage -- Maximum voltage that can be applied to the TVS without operation
V
BR
Breakdown Voltage -- Maximum voltage that flows though the TVS at a specified test current (I
T)
V
C
Clamping Voltage -- Peak voltage measured across the TVS at a specified Ippm (peak impulse current)
I
R
Reverse Leakage Current -- Current measured at V
R
V
F
Forward Voltage Drop for Uni-directional


Similar Part No. - TP1.5KE15A

ManufacturerPart #DatasheetDescription
logo
GREATECS
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
logo
List of Unclassifed Man...
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
TP1 ETC2-TP1 Datasheet
219Kb / 2P
   Industrial Test Leads, Probes & Clips
logo
Copal Electronics
TP1-01 COPAL-TP1-01 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
TP1-01-L2 COPAL-TP1-01-L2 Datasheet
346Kb / 5P
   Ultra-Miniature Pushbutton Switches
More results

Similar Description - TP1.5KE15A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com