Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CAR6 Datasheet(HTML) 2 Page - TT Electronics.

Part No. CAR6
Description  Superior moisture performance
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TTELEC [TT Electronics.]
Homepage  http://www.ttelectronics.com/
Logo 

CAR6 Datasheet(HTML) 2 Page - TT Electronics.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Ultra Precision
Metal Film Resistors
CAR series
Figure 1
Construction
Ceramic rods are coated with a metal film and plated steel
caps are force fitted. A helical cut is used to adjust the film to
its final value.
Termination wires are welded to the caps and the resistor is
protected with a specially formulated epoxy coating.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Ultra Precision
Metal Film Resistors
CAR series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
179
Welwyn Components
Values 10
≤ 250k
Values > 250k
Actual Performance
Actual Performance
Maximum
Typical
Maximum
Typical
Load at rated power : 1000 hrs at 70°C (or 85°C)
∆R %
0.05
0.02
0.25
0.05
Dry heat : 1000 hrs at 155°C
∆R %
0.15
0.08
1
0.2
Shelf life : 12 months at room temperature
∆R %
0.01
0.003
0.04
0.02
C
°
5
5
1
t
a
o
r
e
Z
C
°
5
5
1
t
a
o
r
e
Z
)
C
°
5
8
r
o
(
C
°
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
it
a
r
e
D
Short term overload
∆R %
0.01
0.001
0.08
0.01
Climatic
∆R %
0.05
0.02
0.2
0.05
6
5
/
5
5
1
/
5
5
6
5
/
5
5
1
/
5
5
y
r
o
g
e
t
a
c
c
it
a
m
il
C
Long term damp heat
∆R %
0.05
0.02
0.2
0.05
Temperature rapid change
∆R %
0.04
0.02
0.25
0.05
Resistance to solder heat
∆R %
0.02
0.003
0.05
0.005
Vibration and bump
∆R %
0.02
0.002
0.06
0.02
1
.
0
1
3
0
.
0
2
.
0
V
/
V
µ
)
y
c
n
e
u
q
e
r
f
f
o
e
d
a
c
e
d
a
n
i(
e
s
i
o
N
5
0
.
0
<
2
.
0
5
0
.
0
<
3
.
0
V
/
m
p
p
e
c
n
a
t
s
i
s
e
r
f
o
t
n
e
i
c
if
f
e
o
c
e
g
a
tl
o
V
Marking
Type reference, TCR code, resistance value and tolerance
code.
The resistance value marking conforms to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed circuits.
Performance Data
Application Notes
Resistors can be supplied matched for tolerance and TCR
down to ±0.005% and ±1ppm/°C, respectively, either as
separate resistors or pre-assembled and encapsulated within a
plastic box.
The individual resistors within a set or module can be
manufactured with a tolerance of ±0.01% and a TCR of
±5ppm/°C.
52
f1
f2
6
6
5
Body location f1 – f2 ≤ 1.4 mm
Make Possible
12.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn