Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3723EM5X-3.08 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3723EM5X-3.08
Description  5-Pin Microprocessor Reset Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3723EM5X-3.08 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3723EM5X-3.08 Datasheet HTML 4Page - National Semiconductor (TI) LM3723EM5X-3.08 Datasheet HTML 5Page - National Semiconductor (TI) LM3723EM5X-3.08 Datasheet HTML 6Page - National Semiconductor (TI) LM3723EM5X-3.08 Datasheet HTML 7Page - National Semiconductor (TI) LM3723EM5X-3.08 Datasheet HTML 8Page - National Semiconductor (TI) LM3723EM5X-3.08 Datasheet HTML 9Page - National Semiconductor (TI) LM3723EM5X-3.08 Datasheet HTML 10Page - National Semiconductor (TI) LM3723EM5X-3.08 Datasheet HTML 11Page - National Semiconductor (TI) LM3723EM5X-3.08 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Timing Diagram
20014412
Circuit Information
Reset Output
The reset input of a µP initializes the device into a known
state. The LM3722/LM3723/LM3724 microprocessor voltage
monitoring circuits assert a forced reset output to prevent
code execution errors during power-up, power-down, and
brownout conditions.
RESET is guaranteed valid for V
CC ≥ 1V. Once VCC exceeds
the reset threshold, an internal timer maintains the output for
the reset timeout period. After this interval, reset goes high
and the microprocessor initializes itself into a known state.
The LM3722 and LM3724 offer an active-low RESET; the
LM3723 offers an active-high RESET.
As V
CC drops below the reset threshold (such as during a
brownout), the reset activates (see the
Negative-Going VCC
Transients section). When V
CC again rises above the reset
threshold, the internal timer starts. Reset holds until V
CC
exceeds the reset threshold for longer than the reset timeout
period. After this time, reset releases.
Additionally, the Manual Reset input (MR) will initiate a
forced reset. See the
Manual Reset Input section.
The LM3722/LM3723/LM3724 reset outputs ignore short du-
ration glitches on V
CC and MR. See the Applications Infor-
mation section for details.
Reset Threshold
The LM3722/LM3723/LM3724 are available with reset volt-
ages of 4.63V, 3.08V, and 2.32V which are suitable for
monitoring 5.0V, 3.3V, and 2.5V supplies respectively. Other
reset thresholds in the 2.20V to 5.0V range, in 10 mV steps,
are available; contact National Semiconductor for details.
Manual Reset Input (MR)
Many µP-based products require a manual reset capability,
allowing the operator to initiate a reset. The MR input is fully
debounced and provides an internal 22 k
Ω pull-up. When the
MR input is pulled below V
IL (0.25VCC) for more than 100 ns,
reset is asserted after a typical delay of 2 µs. Reset remains
active as long as MR is held low, and releases after MR rises
above V
IH and the reset timeout period expires. Use MR with
digital logic to assert reset or to daisy chain supervisory
circuits.
Applications Information
Benefits of Precision Reset Thresholds
A microprocessor supply supervisor must provide a reset
output within a predictable range of the supply voltage. A
common threshold range is between 5% and 10% below the
nominal supply voltage. The 4.63V, 3.08V and 2.32V options
of the LM3722/LM3723/LM3724 use highly accurate circuitry
to ensure that the reset threshold occurs only within this
range (for 5.0V, 3.3V and 2.5V supplies).
Table 1 shows how
the standard reset thresholds apply to 5.0V, 3.3V, and 2.5V
nominal supply voltages.
www.national.com
8


Similar Part No. - LM3723EM5X-3.08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3723 TI1-LM3723 Datasheet
987Kb / 19P
[Old version datasheet]   LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
More results

Similar Description - LM3723EM5X-3.08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3722 TI1-LM3722 Datasheet
987Kb / 19P
[Old version datasheet]   LM3722/LM3723/LM3724 5-Pin Microprocessor Reset Circuits
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809 Datasheet
174Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 3
logo
ACE Technology Co., LTD...
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
logo
Anachip Corp
AP1701 ANACHIP-AP1701 Datasheet
165Kb / 8P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com