Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC40DH331DH500 Datasheet(PDF) 9 Page - Kemet Corporation

Part # ALC40DH331DH500
Description  Snap-In Aluminum Electrolytic Capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC40DH331DH500 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button ALC40DH331DH500 Datasheet HTML 5Page - Kemet Corporation ALC40DH331DH500 Datasheet HTML 6Page - Kemet Corporation ALC40DH331DH500 Datasheet HTML 7Page - Kemet Corporation ALC40DH331DH500 Datasheet HTML 8Page - Kemet Corporation ALC40DH331DH500 Datasheet HTML 9Page - Kemet Corporation ALC40DH331DH500 Datasheet HTML 10Page - Kemet Corporation ALC40DH331DH500 Datasheet HTML 11Page - Kemet Corporation ALC40DH331DH500 Datasheet HTML 12Page - Kemet Corporation ALC40DH331DH500 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4026_ALC40 • 8/14/2016
Snap-In Aluminum Electrolytic Capacitors – ALC40 Series, +105ºC
Table 1 – Ratings & Part Number Reference cont'd
(1) Termination code: See Termination Tables for available options.
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
ESR
Maximum
Impedance
Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
105°C (A)
10 kHz
105°C (A)
100 Hz
20°C (mΩ)
10 kHz
20°C (mΩ)
100
1500
CC
30 x 35
1.90
2.44
195
151
ALC40(1)152CC100
100
1800
CD
30 x 40
2.18
2.80
162
125
ALC40(1)182CD100
100
2200
CF
30 x 50
2.82
3.63
123
94
ALC40(1)222CF100
100
2200
DC
35 x 35
2.10
2.67
177
142
ALC40(1)222DC100
100
2200
EB
40 x 30
3.58
3.80
128
110
ALC40(1)222EB100
100
2700
DD
35 x 40
2.41
3.07
146
118
ALC40(1)272DD100
100
2700
ED
40 x 40
4.92
5.24
95
80
ALC40(1)272ED100
100
3300
DF
35 x 50
3.12
3.97
108
86
ALC40(1)332DF100
100
3300
EE
40 x 45
5.59
5.95
78
66
ALC40(1)332EE100
100
3900
EF
40 x 50
6.41
6.83
65
55
ALC40(1)392EF100
100
4700
EG
40 x 55
6.67
7.04
58
50
ALC40(1)472EG100
100
5600
EH
40 x 60
7.46
7.87
49
42
ALC40(1)562EH100
100
8200
EL
40 x 80
9.28
9.78
34
29
ALC40(1)822EL100
100
10000
EP
40 x 105
11.33
13.12
24
21
ALC40(1)103EP100
200
270
BB
25 x 30
1.01
1.56
542
377
ALC40(1)271BB200
200
390
BC
25 x 35
1.24
1.86
386
271
ALC40(1)391BC200
200
470
BD
25 x 40
1.45
2.19
320
224
ALC40(1)471BD200
200
470
CB
30 x 30
1.24
1.76
369
270
ALC40(1)471CB200
200
560
CC
30 x 35
1.50
2.13
301
219
ALC40(1)561CC200
200
680
CD
30 x 40
1.72
2.44
249
181
ALC40(1)681CD200
200
680
EB
40 x 30
2.97
3.67
202
158
ALC40(1)681EB200
200
820
CF
30 x 50
2.18
3.16
196
140
ALC40(1)821CF200
200
820
DC
35 x 35
1.70
2.34
252
191
ALC40(1)821DC200
200
820
EC
40 x 35
3.35
4.06
173
137
ALC40(1)821EC200
200
1000
DD
35 x 40
1.95
2.69
208
158
ALC40(1)102DD200
200
1000
ED
40 x 40
3.92
4.80
140
110
ALC40(1)102ED200
200
1200
DF
35 x 50
2.50
3.48
159
119
ALC40(1)122DF200
200
1200
EE
40 x 45
4.50
5.50
116
91
ALC40(1)122EE200
200
1500
EF
40 x 50
5.13
6.23
94
74
ALC40(1)152EF200
200
1800
EH
40 x 60
6.10
7.53
76
60
ALC40(1)182EH200
200
2700
EL
40 x 80
7.62
9.32
52
41
ALC40(1)272EL200
200
3900
EP
40 x 105
7.90
12.31
49
34
ALC40(1)392EP200
200
5600
FP
45 x 105
8.68
12.54
40
28
ALC40(1)562FP200
200
6800
KP
50 x 105
9.08
12.29
36
26
ALC40(1)682KP200
250
220
BB
25 x 30
0.93
1.50
592
405
ALC40(1)221BB250
250
270
BC
25 x 35
1.10
1.77
480
327
ALC40(1)271BC250
250
330
BD
25 x 40
1.29
2.08
393
268
ALC40(1)331BD250
250
330
CB
30 x 30
1.13
1.69
441
312
ALC40(1)331CB250
250
390
CC
30 x 35
1.36
2.04
364
256
ALC40(1)391CC250
250
470
CD
30 x 40
1.56
2.34
302
212
ALC40(1)471CD250
250
470
EB
40 x 30
2.59
3.49
258
193
ALC40(1)471EB250
250
560
CF
30 x 50
1.96
3.02
243
168
ALC40(1)561CF250
250
560
DC
35 x 35
1.57
2.25
297
217
ALC40(1)561DC250
250
560
EC
40 x 35
3.05
4.16
221
166
ALC40(1)561EC250
250
680
DD
35 x 40
1.80
2.59
245
179
ALC40(1)681DD250
250
680
ED
40 x 40
3.49
4.76
180
134
ALC40(1)681ED250
250
820
DF
35 x 50
3.12
4.66
190
137
ALC40(1)821DF250
250
820
EE
40 x 45
4.01
5.46
149
111
ALC40(1)821EE250
250
1000
DH
35 x 60
3.61
5.78
164
125
ALC40(1)102DH250
250
1000
EF
40 x 50
4.58
6.22
123
92
ALC40(1)102EF250
250
1200
EG
40 x 55
4.93
6.51
106
80
ALC40(1)122EG250
250
1500
DL
35 x 80
4.43
6.88
112
90
ALC40(1)152DL250
250
1800
EL
40 x 80
6.77
9.27
67
50
ALC40(1)182EL250
250
2700
EP
40 x 105
7.05
12.03
62
42
ALC40(1)272EP250
250
3900
FP
45 x 105
7.90
12.43
50
33
ALC40(1)392FP250
250
4700
KP
50 x 105
8.36
12.30
44
30
ALC40(1)472KP250
350
120
BB
25 x 30
0.88
2.07
868
562
ALC40(1)121BB350
350
150
BC
25 x 35
1.04
2.46
694
449
ALC40(1)151BC350
350
180
BD
25 x 40
1.20
2.81
578
374
ALC40(1)181BD350
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Impedance
Part Number


Similar Part No. - ALC40DH331DH500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC40 KEMET-ALC40 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
   IEC 60384-4 Long Life Grade 40/105/56
ALC40A221BB250 KEMET-ALC40A221BB250 Datasheet
67Kb / 1P
   Aluminum Electrolytic, 105C, ALC40, 220 uF, 20%, 250 V, -40/105C
ALC40A682CF063 KEMET-ALC40A682CF063 Datasheet
68Kb / 1P
   ALC40, Aluminum Electrolytic, 105C, 6800 uF, 20%, 63 V, -40/105C
More results

Similar Description - ALC40DH331DH500

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MWC MERITEK-MWC Datasheet
292Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
   Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
MHT MERITEK-MHT Datasheet
284Kb / 2P
   Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400VXG100MEFCSN22X30 RUBYCON-400VXG100MEFCSN22X30 Datasheet
177Kb / 3P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
450HXG68MEFCSN20X25 RUBYCON-450HXG68MEFCSN20X25 Datasheet
166Kb / 2P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC22000MEFCSN25X45 RUBYCON-25USC22000MEFCSN25X45 Datasheet
325Kb / 4P
   SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com