Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5060 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 1N5060
Description  Controlled avalanche rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N5060 Datasheet(HTML) 4 Page - NXP Semiconductors

  1N5060 Datasheet HTML 1Page - NXP Semiconductors 1N5060 Datasheet HTML 2Page - NXP Semiconductors 1N5060 Datasheet HTML 3Page - NXP Semiconductors 1N5060 Datasheet HTML 4Page - NXP Semiconductors 1N5060 Datasheet HTML 5Page - NXP Semiconductors 1N5060 Datasheet HTML 6Page - NXP Semiconductors 1N5060 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 Jun 19
4
Philips Semiconductors
Product specification
Controlled avalanche rectifiers
1N5059 to 1N5062
GRAPHICAL DATA
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
a = 1.57; VR =VRRMmax; δ = 0.5.
Lead length 10 mm.
handbook, halfpage
3
2
1
0
MBG044
0
40
200
80
120
160
Ttp (°C)
IF(AV)
(A)
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
a = 1.57; VR =VRRMmax; δ = 0.5.
Device mounted as shown in Fig.9.
handbook, halfpage
0
IF(AV)
(A)
40
200
1.6
1.2
0.4
0
0.8
80
120
160
Tamb (°C)
MBG054
Fig.4
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
a=IF(RMS)/IF(AV); VR =VRRMmax; δ = 0.5.
handbook, halfpage
01
23
4
3
1
0
2
MGC745
2
P
(W)
I
F(AV)
(A)
1.42
2.5
a = 3
1.57
Solid line = VR.
Dotted line = VRRM; δ = 0.5.
Fig.5
Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
0
1200
0
MBH388
100
200
800
400
VR (V)
Tj
(
°C)
60
61
59
62


Similar Part No. - 1N5060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N5060 POWEREX-1N5060 Datasheet
204Kb / 4P
   Passivated Rectifier
logo
Digitron Semiconductors
1N5060 DIGITRON-1N5060 Datasheet
90Kb / 2P
   STANDARD AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
1N5060 VISHAY-1N5060 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Diotec Semiconductor
1N5060 DIOTEC-1N5060 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
General Semiconductor
1N5060 GE-1N5060 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - 1N5060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
   Controlled avalanche rectifiers
1996 May 24
logo
New Jersey Semi-Conduct...
BYW54 NJSEMI-BYW54 Datasheet
136Kb / 2P
   Controlled avalanche rectifiers
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYD12 PHILIPS-BYD12 Datasheet
49Kb / 8P
   Controlled avalanche rectifiers
1998 Dec 03
BYD13 PHILIPS-BYD13 Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com