Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC390A Datasheet(PDF) 3 Page - Motorola, Inc

Part # 74HC390A
Description  High?밣erformance Silicon?밎ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74HC390A Datasheet(HTML) 3 Page - Motorola, Inc

  74HC390A Datasheet HTML 1Page - Motorola, Inc 74HC390A Datasheet HTML 2Page - Motorola, Inc 74HC390A Datasheet HTML 3Page - Motorola, Inc 74HC390A Datasheet HTML 4Page - Motorola, Inc 74HC390A Datasheet HTML 5Page - Motorola, Inc 74HC390A Datasheet HTML 6Page - Motorola, Inc 74HC390A Datasheet HTML 7Page - Motorola, Inc 74HC390A Datasheet HTML 8Page - Motorola, Inc 74HC390A Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC54/74HC390A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Unit
Guaranteed Limit
VCC
V
Test Conditions
Parameter
Symbol
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
VOL
Maximum Low–Level Output
Voltage
Vin = VIH or VIL
|Iout| v 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
Vin = VIH or VIL |Iout| v 2.4 mA
|Iout| v 4.0 mA
|Iout| v 5.2 mA
3.0
4.5
6.0
0.26
0.26
0.26
0.33
0.33
0.33
0.40
0.40
0.40
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
4
40
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tf = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 3)
2.0
3.0
4.5
6.0
10
15
30
50
9
14
28
45
8
12
25
40
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock A to QA
(Figures 1 and 3)
2.0
3.0
4.5
6.0
70
40
20
16
80
45
25
21
90
50
30
27
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock A to QC
(QA connected to Clock B)
(Figures 1 and 3)
2.0
3.0
4.5
6.0
200
160
35
30
250
185
45
40
300
210
60
50
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock B to QB
(Figures 1 and 3)
2.0
3.0
4.5
6.0
70
40
20
16
80
45
25
21
90
50
30
27
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock B to QC
(Figures 1 and 3)
2.0
3.0
4.5
6.0
90
56
32
25
105
70
38
31
180
100
45
40
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock B to QD
(Figures 1 and 3)
2.0
3.0
4.5
6.0
70
40
20
16
80
45
25
21
90
50
30
27
ns
tPHL
Maximum Propagation Delay, Reset to any Q
(Figures 2 and 3)
2.0
3.0
4.5
6.0
80
48
28
21
95
65
32
25
110
75
40
30
ns


Similar Part No. - 74HC390A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
   Dual decade ripple counter
December 1990
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
   DUAL DECADE RIPPLE COUNTER
logo
Nexperia B.V. All right...
74HC390 NEXPERIA-74HC390 Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
logo
NXP Semiconductors
74HC390D PHILIPS-74HC390D Datasheet
49Kb / 7P
   Dual decade ripple counter
December 1990
logo
Nexperia B.V. All right...
74HC390D NEXPERIA-74HC390D Datasheet
257Kb / 15P
   Dual decade ripple counter
Rev. 5 - 18 October 2021
More results

Similar Description - 74HC390A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com