Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C430C105J1R5TA9170 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C430C105J1R5TA9170
Description  Axial Leaded Multilayer Ceramic Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C430C105J1R5TA9170 Datasheet(HTML) 1 Page - Kemet Corporation

  C430C105J1R5TA9170 Datasheet HTML 1Page - Kemet Corporation C430C105J1R5TA9170 Datasheet HTML 2Page - Kemet Corporation C430C105J1R5TA9170 Datasheet HTML 3Page - Kemet Corporation C430C105J1R5TA9170 Datasheet HTML 4Page - Kemet Corporation C430C105J1R5TA9170 Datasheet HTML 5Page - Kemet Corporation C430C105J1R5TA9170 Datasheet HTML 6Page - Kemet Corporation C430C105J1R5TA9170 Datasheet HTML 7Page - Kemet Corporation C430C105J1R5TA9170 Datasheet HTML 8Page - Kemet Corporation C430C105J1R5TA9170 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1044_AXIMAX_X7R_AUTO • 11/11/2016
1
One world. One KEMET
Benefits
• Axial leaded form factor
• Conformally
• EncapsulationmeetsflammabilitystandardUL94V–0
• Operatingtemperaturerangeof−55°Cto+125°C
• Lead(Pb)-free,RoHSandREACHcompliant
Overview
KEMET’s Aximax conformally coated axial leaded ceramic
capacitorsinX7Rdielectricfeaturea125°Cmaximum
operating temperature. The Electronics Industries
Alliance(EIA)characterizesX7RdielectricasaClass
II"temperaturestable"material.Componentsofthis
classificationarefixed,ceramicdielectriccapacitorssuited
forbypassanddecouplingapplicationsorforfrequency
discriminatingcircuitswhereQandstabilityofcapacitance
characteristicsarenotcritical.X7Rexhibitsapredictable
change in capacitance with respect to time and voltage
andboastsaminimalchangeincapacitancewithreference
toambienttemperature.Capacitancechangeislimitedto
±15%from−55°Cto+125°C.
Thesedevicesmeetstheflametestrequirementsoutlined
inULStandard94V–0andthedemandingAutomotive
ElectronicsCouncil'sAEC–Q200qualificationrequirements.
AxialLeadedMultilayerCeramicCapacitors
Aximax, 400 Series, Conformally Coated,
X7R Dielectric, 25 – 250 VDC (Automotive Grade)
Ordering Information
C
410
C
105
K
3
R
5
T
A
9170
Ceramic
Style/
Size
Specification/
Series
Capacitance
Code(pF)
Capacitance
Tolerance1
Voltage
Dielectric Design
Lead
Finish
Failure
Rate
Packaging/Grade
(C-Spec)
410
420
430
C =
Standard
Firsttwodigits
represent
significant
figures.Third
digitspecifies
numberof
zeros.
J = ±5%
K = ±10%
M = ±20%
3 = 25
5 = 50
1 = 100
2 = 200
A = 250
R =
X7R
5 =
Multilayer
T =
100%
Matte Sn
A =
N/A
Automotive Grade
9170 = Bulk Auto Grade
9170 7200 = T&R 12"
Auto Grade
9170 7293 = Ammo Pack
Auto Grade
1
Additional capacitance Tolerance offerings may be available. Contact KEMET for details.
For Overmolding applications please contact your KEMET representative.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C430C105J1R5TA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C430C105J1R5TA7200 KEMET-C430C105J1R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C430C105J1R5TA7293 KEMET-C430C105J1R5TA7293 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
More results

Similar Description - C430C105J1R5TA9170

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C622C102MDR5TA KEMET-C622C102MDR5TA Datasheet
935Kb / 14P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com