Electronic Components Datasheet Search |
|
C430C105M1R5TA9170 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C430C105M1R5TA9170 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 12 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1044_AXIMAX_X7R_AUTO • 11/11/2016 1 One world. One KEMET Benefits • Axial leaded form factor • Conformally • EncapsulationmeetsflammabilitystandardUL94V–0 • Operatingtemperaturerangeof−55°Cto+125°C • Lead(Pb)-free,RoHSandREACHcompliant Overview KEMET’s Aximax conformally coated axial leaded ceramic capacitorsinX7Rdielectricfeaturea125°Cmaximum operating temperature. The Electronics Industries Alliance(EIA)characterizesX7RdielectricasaClass II"temperaturestable"material.Componentsofthis classificationarefixed,ceramicdielectriccapacitorssuited forbypassanddecouplingapplicationsorforfrequency discriminatingcircuitswhereQandstabilityofcapacitance characteristicsarenotcritical.X7Rexhibitsapredictable change in capacitance with respect to time and voltage andboastsaminimalchangeincapacitancewithreference toambienttemperature.Capacitancechangeislimitedto ±15%from−55°Cto+125°C. Thesedevicesmeetstheflametestrequirementsoutlined inULStandard94V–0andthedemandingAutomotive ElectronicsCouncil'sAEC–Q200qualificationrequirements. AxialLeadedMultilayerCeramicCapacitors Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Automotive Grade) Ordering Information C 410 C 105 K 3 R 5 T A 9170 Ceramic Style/ Size Specification/ Series Capacitance Code(pF) Capacitance Tolerance1 Voltage Dielectric Design Lead Finish Failure Rate Packaging/Grade (C-Spec) 410 420 430 C = Standard Firsttwodigits represent significant figures.Third digitspecifies numberof zeros. J = ±5% K = ±10% M = ±20% 3 = 25 5 = 50 1 = 100 2 = 200 A = 250 R = X7R 5 = Multilayer T = 100% Matte Sn A = N/A Automotive Grade 9170 = Bulk Auto Grade 9170 7200 = T&R 12" Auto Grade 9170 7293 = Ammo Pack Auto Grade 1 Additional capacitance Tolerance offerings may be available. Contact KEMET for details. For Overmolding applications please contact your KEMET representative. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C430C105M1R5TA9170 |
|
Similar Description - C430C105M1R5TA9170 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |