Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERP610W332 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ERP610W332
Description  Radial Leaded Ceramic Disc Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ERP610W332 Datasheet(HTML) 1 Page - Kemet Corporation

  ERP610W332 Datasheet HTML 1Page - Kemet Corporation ERP610W332 Datasheet HTML 2Page - Kemet Corporation ERP610W332 Datasheet HTML 3Page - Kemet Corporation ERP610W332 Datasheet HTML 4Page - Kemet Corporation ERP610W332 Datasheet HTML 5Page - Kemet Corporation ERP610W332 Datasheet HTML 6Page - Kemet Corporation ERP610W332 Datasheet HTML 7Page - Kemet Corporation ERP610W332 Datasheet HTML 8Page - Kemet Corporation ERP610W332 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1085_ERP610 • 9/13/2016
1
One world. One KEMET
Overview
KEMET’s ERO610 series encapsulated radial leaded
ceramic disc capacitors are specifically designed for
interference-suppression AC line filtering applications. Hav-
ing internationally recognized safety certifications, these
capacitors are well-suited for applications that require
keeping potentially disruptive or damaging line transients
and EMI out of susceptible equipment. They are also an
ideal solution when needing to suppress line disturbances
at the source.
Safety Certified Capacitors are classified as either X and/
or Y capacitors. Class X capacitors are primarily used in
line-to line (across-the-line) applications. In this application
there is no danger of electric shock to humans should the
capacitor fail, but could result in a risk of fire. The class Y
capacitor is primarily used in line-to-ground (line by-pass)
applications. In this application, failure of the capacitor
could lead to danger of electric shock.
With a working voltage of 760 VAC in line-to-line (Class X)
and 500 VAC in line-to-ground (Class Y) applications, these
safety capacitors meet the impulse test criteria outlined in
IEC Standard 60384. Meeting subclass X1 and Y1 require-
ments, these devices are certified to withstand impulses up
to 4 KV (X1) and 8 KV (Y1) respectively. These encapsulated
devices also meet the flame test requirements outlined in UL
Standard 94V-0.
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, ERP610 Series, Encapsulated,
X1 760 VAC/Y1 500 VAC (Industrial Grade)
Ordering Information
ERP610
W
102
M
DF0
Ceramic
Series
Voltage Rating
(Safety Subclass Rating)
Capacitance
Code (pF)
Capacitance
Tolerance
Lead configuration /
Packaging Code
ERP610
W = X1 760 VAC/Y1 500 VAC
Two significant digits and Number
of zeroes
K = ±10%
M = ±20%
*See Packaging Options
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - ERP610W332

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ERP610W332MEJ0 KEMET-ERP610W332MEJ0 Datasheet
83Kb / 1P
   Ceramic, Safety, ERP610, 3300 pF, 20%, Y5U, Lead Spacing = 12.5mm
More results

Similar Description - ERP610W332

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
KJY KEMET-KJY Datasheet
1Mb / 16P
   Radial Leaded Ceramic Disc Capacitors
1/24/2023
ERK610Z102KCF0 KEMET-ERK610Z102KCF0 Datasheet
1Mb / 11P
   Radial Leaded Ceramic Disc Capacitors
logo
Vishay Siliconix
HVCCSERIES VISHAY-HVCCSERIES Datasheet
202Kb / 11P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
01-Jan-2022
HVCC VISHAY-HVCC Datasheet
190Kb / 10P
   High Voltage Ceramic Capacitors Radial-Leaded Singlelayer Disc
logo
Kemet Corporation
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com