Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9993 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9993
Description  High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9993 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9993 Datasheet HTML 1Page - Maxim Integrated Products MAX9993 Datasheet HTML 2Page - Maxim Integrated Products MAX9993 Datasheet HTML 3Page - Maxim Integrated Products MAX9993 Datasheet HTML 4Page - Maxim Integrated Products MAX9993 Datasheet HTML 5Page - Maxim Integrated Products MAX9993 Datasheet HTML 6Page - Maxim Integrated Products MAX9993 Datasheet HTML 7Page - Maxim Integrated Products MAX9993 Datasheet HTML 8Page - Maxim Integrated Products MAX9993 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Linearity 1700MHz to 2200MHz Down-
Conversion Mixer with LO Buffer/Switch
4
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX9993 EV Kit, VCC = 5.0V, PRF = -5dBm, PLO = +3dBm, LO is low-side injected for a 200MHz IF, TA = +25°C. For high-side LO
injection curves, LO frequency is beyond maximum specified range, and is shown for completeness.)
INPUT IP3 vs. RF FREQUENCY
LOW-SIDE INJECTION
RF FREQUENCY (MHz)
22
23
24
25
26
21
TA = +85
°C
TA = +25
°C
TA = -40
°C
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200
2 LO - 2 RF RESPONSE vs. RF FREQUENCY
HIGH-SIDE INJECTION
50
55
60
65
70
75
80
85
45
RF FREQUENCY (MHz)
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200
TA = -40
°C
TA = +25
°C
TA = +85
°C
PRF = -5dBm
2 RF - 2 LO RESPONSE vs. RF FREQUENCY
LOW-SIDE INJECTION
50
55
60
65
70
75
80
85
45
RF FREQUENCY (MHz)
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200
VCC = 5.25V
VCC = 4.75V, 5.0V
PRF = -5dBm
2 RF - 2 LO RESPONSE vs. RF FREQUENCY
LOW-SIDE INJECTION
50
55
60
65
70
75
80
85
45
RF FREQUENCY (MHz)
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200
PLO = +6dBm
PLO = +3dBm
PLO = 0dBm
PRF = -5dBm
2 RF - 2 LO RESPONSE vs. RF FREQUENCY
LOW-SIDE INJECTION
50
55
60
65
70
75
80
85
45
RF FREQUENCY (MHz)
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200
TA = +85
°C
TA = -40
°C
TA = +25
°C
PRF = -5dBm
CONVERSION GAIN vs. RF FREQUENCY
HIGH-SIDE INJECTION
RF FREQUENCY (MHz)
7
8
9
10
11
6
TA = +85
°C
TA = +25
°C TA = -40°C
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200
CONVERSION GAIN vs. RF FREQUENCY
LOW-SIDE INJECTION
RF FREQUENCY (MHz)
7
8
9
10
11
6
VCC = 4.75V, 5.0V, 5.25V
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200
CONVERSION GAIN vs. RF FREQUENCY
LOW-SIDE INJECTION
RF FREQUENCY (MHz)
7
8
9
10
11
6
PLO = 0dBm, +3dBm, +6dBm
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200
CONVERSION GAIN vs. RF FREQUENCY
LOW-SIDE INJECTION
RF FREQUENCY (MHz)
7
8
9
10
11
6
TA = +85
°C
TA = +25
°C TA = -40°C
2150
2100
2050
2000
1950
1900
1850
1800
1750
1700
2200


Similar Part No. - MAX9993

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9993 MAXIM-MAX9993 Datasheet
251Kb / 7P
   1400MHz to 2000MHz LO Frequency
Rev 0; 11/02
MAX9993EVKIT MAXIM-MAX9993EVKIT Datasheet
251Kb / 7P
   1400MHz to 2000MHz LO Frequency
Rev 0; 11/02
More results

Similar Description - MAX9993

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX9996 MAXIM-MAX9996 Datasheet
410Kb / 12P
   SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/04
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com