Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C225M4RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C225M4RACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C225M4RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C225M4RACAUTO Datasheet HTML 1Page - Kemet Corporation C1210C225M4RACAUTO Datasheet HTML 2Page - Kemet Corporation C1210C225M4RACAUTO Datasheet HTML 3Page - Kemet Corporation C1210C225M4RACAUTO Datasheet HTML 4Page - Kemet Corporation C1210C225M4RACAUTO Datasheet HTML 5Page - Kemet Corporation C1210C225M4RACAUTO Datasheet HTML 6Page - Kemet Corporation C1210C225M4RACAUTO Datasheet HTML 7Page - Kemet Corporation C1210C225M4RACAUTO Datasheet HTML 8Page - Kemet Corporation C1210C225M4RACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1023_X7R_AUTO_SMD • 12/2/2016
1
One world. One KEMET
Benefits
• AEC–Q200automotivequalified
• −55°Cto+125°Coperatingtemperaturerange
• Lead(Pb)-free,RoHSandREACHcompliant
• Temperaturestabledielectric
• EIA0402,0603,0805,1206,1210,1812,and2220case
sizes
• DCvoltageratingsof6.3V,10V,16V,25V,50V,100V,
200V,and250V
• Capacitanceofferingsrangingfrom10pFto22μF
• Availablecapacitancetolerancesof±5%,±10%,and±20%
• Non-polardevice,minimizinginstallationconcerns
• 100%puremattetin-platedterminationfinishallowingfor
excellentsolderability
Overview
KEMET’sAutomotiveGradeSeriessurfacemount
capacitorsinX7Rdielectricaresuitedforavarietyof
applicationsrequiringproven,reliableperformancein
harshenvironments.Whetherunder-hoodorin-cabin,these
devicesemphasizethevitalandrobustnatureofcapacitors
requiredformissionandsafetycriticalautomotivecircuits.
Strictertestingprotocolandinspectioncriteriahavebeen
establishedforautomotivegradeproductsinrecognition
ofpotentiallyharshenvironmentalconditions.KEMET
automotivegradeseriescapacitorsmeetthedemanding
AutomotiveElectronicsCouncil'sAEC–Q200qualification
requirements.
X7Rdielectricfeaturesa125°Cmaximumoperating
temperatureandisconsidered“temperaturestable,”
TheElectronicsIndustriesAlliance(EIA)characterizes
X7RdielectricasaClassIImaterial.Componentsofthis
classificationarefixed,ceramicdielectriccapacitorssuited
forbypassanddecouplingapplicationsorforfrequency
discriminatingcircuitswhereQandstabilityofcapacitance
characteristicsarenotcritical.X7Rexhibitsapredictable
changeincapacitancewithrespecttotimeandvoltageand
boastsaminimalchangeincapacitancewithreferenceto
ambienttemperature.Capacitancechangeislimitedto±15%
from−55°Cto+125°C.
SurfaceMountMultilayerCeramicChipCapacitors(SMDMLCCs)
X7R Dielectric, 6.3 – 250 VDC (Automotive Grade)
Ordering Information
C
0805
C
225
M
4
R
A
C
AUTO
Ceramic
Case Size
(L"xW")
Specification/
Series
Capacitance
Code(pF)
Capacitance
Tolerance
RatedVoltage
(VDC)
Dielectric
Failure
Rate/Design
TerminationFinish1
Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
1812
2220
C=Standard Twosignificant
digits+number
ofzeros.
J=±5%
K=±10%
M=±20%
9 = 6.3
8 = 10
4 = 16
3 = 25
5 = 50
1 = 100
2 = 200
A = 250
R = X7R
A = N/A
C=100%MatteSn
See"Packaging
C-SpecOrdering
OptionsTable"
below
1
Additional termination finish options may be available. Contact KEMET for details
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1210C225M4RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C225M1R2CAUTO KEMET-C1210C225M1R2CAUTO Datasheet
76Kb / 1P
   KPS SMD Auto X7R, Ceramic, Commercial Grade, 2.2 uF, 20%, 100 V, 1210-2, X7R
C1210C225M1RACTU KEMET-C1210C225M1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 2.2 uF, 20%, 100 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
C1210C225M1UACTU KEMET-C1210C225M1UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
C1210C225M5RAC KEMET-C1210C225M5RAC Datasheet
179Kb / 2P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric - Capacitance Extensions
C1210C225M5UACTU KEMET-C1210C225M5UACTU Datasheet
1Mb / 19P
   Z5U Dielectric, 50 ??100 VDC (Commercial Grade)
More results

Similar Description - C1210C225M4RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com