Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5-1393817-6 Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 5-1393817-6
Description  Great variety of contact arrangements and materials to meet specific applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393817-6 Datasheet(HTML) 5 Page - TE Connectivity Ltd

  5-1393817-6 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393817-6 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393817-6 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393817-6 Datasheet HTML 4Page - TE Connectivity Ltd 5-1393817-6 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
5
AXICOM
Signal Relays
Cradle P Relay V23003 (Continued)
Product code
Version
Coil
Arrangement
Contacts
Enclosure
Part number
V23003-AXXXX, standard, size I
V23003-A0025-B104
Standard, size I
12VDC
2 form C (2 CO)
Single
Dust protected
1393817-4
V23003-A0025-C104
Standard, size I
12VDC
2 form C (2 CO)
Bifurcated
Dust protected
1393817-5
V23003-A0037-B104
Standard, size I
24VDC
2 form C (2 CO)
Single
Dust protected
1393817-7
V23003-A0037-B604
Standard, size I
24VDC
2 form C (2 CO)
Single
Dust protected
1393817-8
V23003-A0037-C104
Standard, size I
24VDC
2 form C (2 CO)
Bifurcated
Dust protected
1393817-9
V23003-A0044-B104
Standard, size I
60VDC
2 form C (2 CO)
Single
Dust protected
1-1393817-8
V23003-A0064-B104
Standard, size I
48VDC
2 form C (2 CO)
Single
Dust protected
2-1393817-0
V23003-A0064-B604
Standard, size I
48VDC
2 form C (2 CO)
Single
Dust protected
2-1393817-1
V23003-A0064-C104
5A size I
48VDC
2 form C (2 CO)
Single
Dust protected
2-1393817-2
V23003-AXXXX, 5A, size I
V23003-A0026-F106
5A size I
6VDC
1A+1B (1NO+1NC)
Single
Dust protected
1393817-6
V23003-A0037-F105
5A size I
24VDC
2 form A (2 NO)
Single
Dust protected
1-1393817-1
V23003-A0037-F106
5A size I
24VDC
1A+1B (1NO+1NC)
Single
Dust protected
1-1393817-2
V23003-BXXXX, standard, size II
V23003-B0025-B110
Standard, size II
12VDC
4 form C (4 CO)
Single
Dust protected
3-1393817-1
V23003-B0025-C110
Standard, size II
12VDC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393817-2
V23003-B0026-B110
Standard, size II
6VDC
4 form C (4 CO)
Single
Dust protected
3-1393817-4
V23003-B0026-C110
Standard, size II
6VDC
4 form C (4 CO)
Bifurcated
Dust protected
3-1393817-5
V23003-B0037-B110
Standard, size II
24VDC
4 form C (4 CO)
Single
Dust protected
3-1393817-9
V23003-B0037-B610
Standard, size II
24VDC
4 form C (4 CO)
Single
Dust protected
4-1393817-0
V23003-B0037-C110
Standard, size II
24VDC
4 form C (4 CO)
Bifurcated
Dust protected
4-1393817-1
V23003-B0037-C410
Standard, size II
24VDC
4 form C (4 CO)
Bifurcated
Dust protected
4-1393817-4
V23003-B0044-B110
Standard, size II
60VDC
4 form C (4 CO)
Single
Dust protected
5-1393817-4
V23003-B0044-B610
Standard, size II
60VDC
4 form C (4 CO)
Single
Dust protected
1413004-1
V23003-B0044-B610
Standard, size II
60VDC
4 form C (4 CO)
Single
Dust protected
1-1419137-0
V23003-B0044-C110
Standard, size II
60VDC
4 form C (4 CO)
Bifurcated
Dust protected
5-1393817-6
V23003-B0064-B110
Standard, size II
48VDC
4 form C (4 CO)
Single
Dust protected
6-1393817-3
V23003-B0064-C110
Standard, size II
48VDC
4 form C (4 CO)
Bifurcated
Dust protected
6-1393817-4
V23003-BXXXX, 5A, size II
V23003-B0025-F104
5A size II
12VDC
2 form C (2 CO)
Single
Dust protected
3-1393817-3
V23003-B0026-F104
5A size II
6VDC
2 form C (2 CO)
Single
Dust protected
3-1393817-6
V23003-B0037-F104
5A size II
24VDC
2 form C (2 CO)
Single
Dust protected
4-1393817-5
V23003-B0044-F104
5A size II
60VDC
2 form C (2 CO)
Single
Dust protected
5-1393817-7
V23003-B0064-F104
5A size II
48VDC
2 form C (2 CO)
Single
Dust protected
6-1393817-5


Similar Part No. - 5-1393817-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5-1393817-6 TEC-5-1393817-6 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
More results

Similar Description - 5-1393817-6

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
ADJ15005 PANASONIC-ADJ15005 Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays Variety of contact arrangements
logo
PHOENIX CONTACT
2230008 PHOENIX-2230008 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
2230004 PHOENIX-2230004 Datasheet
57Kb / 2P
   Customizable to meet specific connector requirements for different applications
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com