Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-1415537-4 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 9-1415537-4
Description  6 pole relay with force guided contacts according to EN 50205
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1415537-4 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  9-1415537-4 Datasheet HTML 1Page - TE Connectivity Ltd 9-1415537-4 Datasheet HTML 2Page - TE Connectivity Ltd 9-1415537-4 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
01-2015, Rev. 0115
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR6 A/B/C/V (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-25 to 70°C
Category of environmental Protection
IEC 61 810
RTIII
Weight
30g
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
tube/10 pcs.
For more detailed information see product specification 2158003
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
4000Vrms
between adjacent contacts
3000Vrms
Clearance/creepage
between open contacts
microdisconnection
between contact and coil
≥5.5/5.5mm
between adjacent contacts
≥5.5/5.5mm
Insulation to EN 50178, type of insulation
between contact and coil
reinforced
between adjacent contacts
reinforced
PCB layout / terminal assignment
Bottom view
3 form A + 3 form B, 3 NO + 3 NC versions
SR6 A
4 form A + 2 form B, 4 NO + 2 NC versions
SR6 B
5 form A + 1 form B, 5 NO + 1 NC versions
SR6 C
S0368-CA
S0368-CB
S0368-CA
S0368-CC
S0368-CD
S0368-CE
4 form A + 2 form B, 4 NO + 2 NC versions
SR6 V
S0368-CU
S0368-CV
The design of the SR6 V allows
clearance/creepage of 5.5 mm
on the PCB.
Dimensions
S0367-DN
SR6 A/B/C
S0367-DU
SR6 V


Similar Part No. - 9-1415537-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1415537-4 MACOM-9-1415537-4 Datasheet
553Kb / 3P
   General Purpose Relays Force Guided Relays
logo
TE Connectivity Ltd
9-1415537-4 TEC-9-1415537-4 Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 9-1415537-4

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SR6A TEC-SR6A Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR4-D TEC-SR4-D Datasheet
311Kb / 3P
   4 pole relay with force guided contacts according to EN 50205
SR6D TEC-SR6D Datasheet
334Kb / 2P
   4 pole relay with force guided contacts according to EN 50205
SR2M TEC-SR2M Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
logo
PHOENIX CONTACT
REL-SR-24DC PHOENIX-REL-SR-24DC Datasheet
64Kb / 3P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
PSR-SCF-120UC PHOENIX-PSR-SCF-120UC Datasheet
80Kb / 4P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com