Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-1393813-0 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 9-1393813-0
Description  Strong magnet system and wide voltage range
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1393813-0 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  9-1393813-0 Datasheet HTML 1Page - TE Connectivity Ltd 9-1393813-0 Datasheet HTML 2Page - TE Connectivity Ltd 9-1393813-0 Datasheet HTML 3Page - TE Connectivity Ltd 9-1393813-0 Datasheet HTML 4Page - TE Connectivity Ltd 9-1393813-0 Datasheet HTML 5Page - TE Connectivity Ltd 9-1393813-0 Datasheet HTML 6Page - TE Connectivity Ltd 9-1393813-0 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
03-2012, Rev. 0312
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
n
Strong magnet system and wide voltage range
n
Highly reliable
n
Contacts for signal loads and currents up to 5A
n
DC coils operating voltage 6VDC to 220VDC; AC, latching and non-
latching coils on request
n
Multi purpose relay
n
Great variety of contact arrangements and materials to meet
specific applications
n
Sockets for easy and quick mounting of relays
Typical applications
Press controls with high safety requirements (forcibly guided springs),
traffic and railroad signalling, motor vehicle traffic controls, power plants
and nuclear power plants controls
Max. DC breaking capacity, contact sets B1xx, C1xx
Max. DC breaking capacity, contact sets F1xx
Cradle S Relay V23054/V23062
Contact Data
Product code block 3
B104/B110/
B604/B610/
C104/C110/
C404/C410/
F104/F105/
B112/B133
B612/B633
C112/C133
C422/C433
F110
Contact arrangement
max. 6 form C (6 CO) contacts or 6 form A (6 NO) contacts (see product code table)
Max. switching voltage
150VDC
36VDC
150VDC
36VDC
260VDC
125VAC
30VAC
125VAC
30VAC
250VAC
Rated current
2A
0.2A
2A
0.2A
5A
Limiting continuous current
at max. ambient temperature
2A
2A
2A
2A
5A
Breaking capacity max.
35 to 70W
5W, 5VA
35 to 70W
5W, 5VA
50 to 140W
see DC load breaking capacity curve below 50VA
-
50VA
-
500VA
Contact material
silver, gold-flashed
gold F
silver, gold-flashed
gold F
silver, gold-flashed
Contact style
single contact
single contact
bifurcated contacts
bifurcated contacts
single contact
Frequency of operation, without load, max.
50 ops./s
max. 50 ops./s
max. 50 ops./s
max. 50 ops./s
max. 10 ops./s
Operate / release time typ.
16/2ms
16/2ms
16/2ms
16/2ms
16/2ms
Mechanical endurance
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 107 ops.
app. 107 ops.
70 W
40 W
150
120
100
80
60
50
40
30
V_
U
0,3
0,4
0,5
0,6
0,8
1
1,5
2A
I
DC current [A]
safe breaking, no stationary arc
contact material Ag, gold flashed
250
200
150
100
80
60
50
40
30
20
V_
100 W
140 W
50 W
0,2
0,3
0,4
0,5 0,6
0,8
1
1,5
2
3
4
5A
I
U
DC current [A]
safe breaking, no stationary arc
contact material Ag, gold flashed


Similar Part No. - 9-1393813-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-1393810-0 TEC-9-1393810-0 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
9-1393810-0 TEC-9-1393810-0 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
9-1393818-0 TEC-9-1393818-0 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
9-1393818-0 TEC-9-1393818-0 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
9-1393818-1 TEC-9-1393818-1 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
More results

Similar Description - 9-1393813-0

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23054 TEC-V23054 Datasheet
880Kb / 7P
   Strong magnet system and wide voltage range
logo
Samsung semiconductor
CL05C1R2CB5NNND SAMSUNG-CL05C1R2CB5NNND Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
logo
Pepperl+Fuchs Inc.
MT01 PF-MT01 Datasheet
2Mb / 2P
   Magnet system tester
logo
Motorola, Inc
MC1466L MOTOROLA-MC1466L Datasheet
1Mb / 16P
   PRECISION WIDE RANGE VOLTAGE AND CURRENT REGULATOR
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Advanced Monolithic Sys...
AMS393 AMS-AMS393 Datasheet
395Kb / 6P
   Wide supply voltage range
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com