Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG1K152MND2535 Datasheet(PDF) 1 Page - Surge Components

Part # STG1K152MND2535
Description  High ripple current, High reliability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

STG1K152MND2535 Datasheet(HTML) 1 Page - Surge Components

  STG1K152MND2535 Datasheet HTML 1Page - Surge Components STG1K152MND2535 Datasheet HTML 2Page - Surge Components STG1K152MND2535 Datasheet HTML 3Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STG Series
Load life 5,000 hours at 125
℃.
High ripple current, High reliability
SPECIFICATIONS
Item
Performance Characteristics
Category Temperature Range
-40 ~ +125℃
Working Voltage Range
10 ~ 100Vdc
Capacitance Range
680 ~ 47
,000μF
Capacitance Tolerance
±20%
(at 25℃ and 120Hz)
Dissipation Factor
(tanδ)
(at 25℃, 120Hz)
The above values should be increased by 0.02 for every additional 1000μF
Rated Voltage (V)
10
16
25
35
50
63
80
100
tanδ(Max)
0.35
0.35
0.35
0.25
0.25
0.25
0.20
0.15
Leakage Current
I=0.02CV or 3000
μA,whichever is smaller
I : Leakage current (μA) C : Rated capacitance (μF) V : Rated voltage (V)
Impress the rated voltage for 5 minutes.
Endurance
The following requirements shall be satisfied when the capacitor are restored to 25℃ after the rated voltage applied for
5,000 hours at 125℃.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ specified value
Shelf Life
The following requirements shall be satisfied when the capacitor are restored to 25℃ after exposing them for 1,000
hours at 125℃ without voltage applied.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ 200% of the specified value
Others
Conforms to JIS-C-5101-4 (1998), characteristic W.
DIMENSIONS (mm)
Terminal Code : ND : Standard
Terminal Code :K6 (ø35)
L+2 Max
4.0¡ À
0.5
Sleeve
Safety vent
PC board Pin-out
2-
2
Negative mark
-
+
L+2 Max
Vent
Sleeve
60¡
ã
60¡
ã
4- 2
PC board pin-out
Terminal B=positive
Terminal A&C=blank
6.3±1.0
*A
B
*C
-
PART NUMBERING SYSTEM( Example : 80V
1500µF )
ALUMINUM ELECTROLYTIC CAPACITORS
Special Request
Size code(2535 : 25×35)
Terminal length code
Lead forming Type code
Capacitance tolerance code(M:±20%)
Capacitance code(1500
μF)
Voltage code(80V)
Series code (STG)
T
G
1
5
2
1
K
M N
D
2
5
3
5
S


Similar Part No. - STG1K152MND2535

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG1218 STMICROELECTRONICS-STG1218 Datasheet
1Mb / 29P
   Dual supply, quad SPDT switch, 1.8 V and 3.3 V logic input compatible
December 2021 Rev 3
STG15M120F3D7 STMICROELECTRONICS-STG15M120F3D7 Datasheet
263Kb / 10P
   Trench gate field-stop 1200 V, 15 A low-loss M series IGBT die in D7 packing
Rev 3 - August 2022
STG15M120F3D8 STMICROELECTRONICS-STG15M120F3D8 Datasheet
224Kb / 8P
   1200 V, 15 A trench gate field‑stop M series low‑loss IGBT die in D8 packing
Rev 1 - January 2022
More results

Similar Description - STG1K152MND2535

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHW NICHICON-UHW_17 Datasheet
766Kb / 4P
   Miniature Sized, High Ripple Current, High Reliability
UCS2C100MPD NICHICON-UCS2C100MPD Datasheet
74Kb / 3P
   Miniature Sized, High Ripple Current, High Reliability
UHW NICHICON-UHW_18 Datasheet
767Kb / 4P
   Miniature Sized, High Ripple Current,High Reliability
logo
Illinois Capacitor, Inc...
MPP ILLINOISCAPACITOR-MPP Datasheet
167Kb / 2P
   High Ripple Current ??Low ESR ??High Reliability
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
   High ripple current
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
   High ripple current
logo
Surge Components
SGV SURGE-SGV Datasheet
331Kb / 3P
   High ripple current
logo
jb Capacitors Company
JNK JBCAPACITORS-JNK Datasheet
499Kb / 1P
   High ripple current
JNE JBCAPACITORS-JNE Datasheet
500Kb / 3P
   High ripple current
JNJ JBCAPACITORS-JNJ Datasheet
594Kb / 4P
   High ripple current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com