Electronic Components Datasheet Search |
|
C410C472J2G5HA7200 Datasheet(PDF) 3 Page - Kemet Corporation |
|
C410C472J2G5HA7200 Datasheet(HTML) 3 Page - Kemet Corporation |
3 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1040_AXIMAX_C0G • 12/5/2016 3 Axial Leaded Multilayer Ceramic Capacitors Aximax, 400 Series, Conformally Coated, C0G Dielectric, 50 – 200 VDC (Commercial Grade) Environmental Compliance Lead(Pb)-free,REACHandRoHScompliantwithoutexemptionswhenorderedwitha100%tin(Sn)wireleadfinish. Productorderedwithtin/lead(Sn60/Pb40)wireleadfinishdonotmeetRoHScriteria. Series Termination Finish (Wire Lead) RoHS Compliant RoHS Exemption Code REACH Compliant1 Halogen Free 400 (C4XX) 100% Matte Sn Yes n/a Yes Yes Sn60/Pb40 No n/a Yes Yes 1 REACH compliance indicates product does not contain Substance/s of Very High Concern (SVHC) Electrical Parameters/Characteristics Item Parameters/Characteristics Operating Temperature Range −55°Cto+125°C Capacitance Change with Reference to +25°Cand0VDCApplied(TCC) ±30 ppm/ºC Aging Rate (Maximum % Cap Loss/Decade Hour) 0% Dielectric Withstanding Voltage 250% of rated voltage (5±1 seconds and charge/discharge not exceeding 50 mA at 25ºC) Dissipation Factor (DF) Maximum Limit at 25ºC 0.1% InsulationResistance(IR)Limitat25°C 1,000megohmmicrofaradsor100GΩ (Ratedvoltageappliedfor120±5secondsat25°C) To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits. Capacitance and dissipation factor (DF) measured under the following conditions: 1 MHz ±100 kHz and 1.0 V rms ±0.2V if capacitance ≤ 1,000 pF 1 kHz ±50 Hz and 1.0 V rms ±0.2 V if capacitance > 1,000 pF Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known as Automatic Level Control (ALC). The ALC feature should be switched to "ON." Post Environmental Limits High Temperature Life, Biased Humidity and Storage Life Style/Size Rated DC Voltage Capacitance Value Dissipation Factor (Maximum %) Capacitance Shift Insulation Resistance C0G All All 0.5 0.3% or ±0.25 pF 10% of Initial Limit |
Similar Part No. - C410C472J2G5HA7200 |
|
Similar Description - C410C472J2G5HA7200 |