Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817-16 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BC817-16
Description  General Purpose Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC817-16 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BC817-16 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC817-16 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC817-16 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120705
BC817-16-25-40
General Purpose Transistors
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
45
V
Collector–Base Voltage
V CBO
50
V
Emitter–Base Voltage
V EBO
5.0
V
Collector Current — Continuous
I C
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
TA = 25°C
225
mW
Derate above 25°C
1.8
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
Alumina Substrate, (2) TA = 25°C
300
mW
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
BC817–16 = 6A; BC817–25 = 6B;BC817–40 = 6C
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –10 mA)
V (BR)CEO
45
V
Collector–Emitter Breakdown Voltage
(VEB = 0, IC = –10
µA)
V (BR)CES
50
V
Emitter–Base Breakdown Voltage
(I E = –1.0
µA)
V (BR)EBO
5.0
V
Collector Cutoff Current
I CBO
(VCB = 20 V)
100
nA
(VCB = 20 V, TA = 150°C)
5.0
µA
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
2
EMITTER
3
COLLECTOR
1
BASE
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
SOT–23 (TO–236AB)
1
2
3
H


Similar Part No. - BC817-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC817-16 PHILIPS-BC817-16 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
SUNMATE electronic Co.,...
BC817-16 SUNMATE-BC817-16 Datasheet
573Kb / 3P
   NPN SMALL SIGNAL TRANSISTOR
logo
Pan Jit International I...
BC817-16 PANJIT-BC817-16 Datasheet
462Kb / 3P
   NPN GENERAL PURPOSE TRANSISTORS
logo
Goodwork Semiconductor ...
BC817-16 GWSEMI-BC817-16 Datasheet
276Kb / 3P
   NPN Silicon Epitaxial Planar Transistors
logo
Shenzhen Jin Yu Semicon...
BC817-16 HTSEMI-BC817-16 Datasheet
311Kb / 2P
   TRANSISTOR (NPN)
More results

Similar Description - BC817-16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com