Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3539MS133BCGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 70T3539MS133BCGI8
Description  HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3539MS133BCGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 70T3539MS133BCGI8 Datasheet HTML 7Page - Integrated Device Technology 70T3539MS133BCGI8 Datasheet HTML 8Page - Integrated Device Technology 70T3539MS133BCGI8 Datasheet HTML 9Page - Integrated Device Technology 70T3539MS133BCGI8 Datasheet HTML 10Page - Integrated Device Technology 70T3539MS133BCGI8 Datasheet HTML 11Page - Integrated Device Technology 70T3539MS133BCGI8 Datasheet HTML 12Page - Integrated Device Technology 70T3539MS133BCGI8 Datasheet HTML 13Page - Integrated Device Technology 70T3539MS133BCGI8 Datasheet HTML 14Page - Integrated Device Technology 70T3539MS133BCGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
6.42
IDT70T3539M
High-Speed 2.5V 512K x 36 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
11
An
An + 1
An + 2
An + 3
tCYC2
tCH2
tCL2
R/W
ADDRESS
CE0
CLK
CE1
BEn
(3)
DATAOUT
OE
tCD2
tCKLZ
Qn
Qn +1
Qn +2
tOHZ
tOLZ
tOE
5678 drw 05
(1)
(1)
tSC
tHC
tSB
tHB
tSW
tHW
tSA
tHA
tDC
tSC
tHC
tSB
tHB
(4)
(1 Latency)
(5)
(5)
,
Timing Waveform of Read Cycle for Pipelined Operation
(FT/PIPE'X' = VIH)(1,2)
NOTES:
1. OE is asynchronously controlled; all other inputs depicted in the above waveforms are synchronous to the rising clock edge.
2. ADS = VIL, CNTEN and REPEAT = VIH.
3. The output is disabled (High-Impedance state) by CE0 = VIH, CE1 = VIL, BEn = VIH following the next rising edge of the clock. Refer to
Truth Table 1.
4. Addresses do not have to be accessed sequentially since ADS = VIL constantly loads the address on the rising edge of the CLK; numbers
are for reference use only.
5. If BEn was HIGH, then the appropriate Byte of DATAOUT for Qn + 2 would be disabled (High-Impedance state).
6. "x" denotes Left or Right port. The diagram is with respect to that port.
Timing Waveform of Read Cycle for Flow-through Output
(FT/PIPE"X" = VIL)(1,2,6)
An
An + 1
An + 2
An + 3
tCYC1
tCH1
tCL1
R/W
ADDRESS
DATAOUT
CE0
CLK
OE
tSC
tHC
tCD1
tCKLZ
Qn
Qn + 1
Qn + 2
tOHZ
tOLZ
tOE
tCKHZ
5678 drw 06
(5)
(1)
CE1
BEn
(3)
tSB
tHB
tSW tHW
tSA
tHA
tDC
tDC
(4)
tSC
tHC
tSB
tHB
,


Similar Part No. - 70T3539MS133BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3539MS133BCGI8 IDT-70T3539MS133BCGI8 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3539MS133BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M_15 Datasheet
705Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M Datasheet
421Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70T3539M RENESAS-70T3539M Datasheet
642Kb / 27P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519_14 Datasheet
407Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T653M RENESAS-70T653M Datasheet
509Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
JUNE 2019
logo
Integrated Device Techn...
IDT70T653M IDT-IDT70T653M Datasheet
309Kb / 24P
   HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
IDT70T3509M IDT-IDT70T3509M_14 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_15 Datasheet
829Kb / 27P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M Datasheet
259Kb / 23P
   HIGH-SPEED 2.5V 1024K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com