Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHVP40 Datasheet(PDF) 2 Page - TT Electronics.

Part # PHVP40
Description  Custom design service available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PHVP40 Datasheet(HTML) 2 Page - TT Electronics.

  PHVP40 Datasheet HTML 1Page - TT Electronics. PHVP40 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Precision High Voltage
Planar Resistors
PHVP Series
Precision High Voltage Planar Resistors
PHVP Series
Performance Data
Maximum
Typical
Load at rated power: 1000 hours at 25°C
R%
0.25
0.1
Overload: 1.5 x rated power not exceeding LEV for 5 seconds
R%
0.25
0.1
Moisture resistance: MIL Std. 202, method 106
R%
0.25
0.1
Thermal shock: MIL Std. 202, method 107, condition C
R%
0.2
0.1
Type
Typical VCR (ppm/V)
PHVP5
<250M: -0.2
250M to 3G: -3.7
PHVP7
<100M: -0.8
100M to 1G0: -1.5
PHVP7B
<200M: -0.9
200M to 2.5G: -2.5
PHVP10
<150M: -0.65
150M to 1.5G: -1.2
PHVP10B
<250M: -0.7
250M to 3.5G: -1.8
PHVP10C
<500M: -0.35
500M to 7G: -0.9
PHVP15
<300M: -0.5
300M to 4G: -0.9
PHVP15B
<400M: -0.45
400M to 5G: -1.2
PHVP15C
<1G0: -0.2
1G0 to 10G: -0.4
PHVP20
<500M: -0.35
500M to 7G: -0.8
PHVP20B
<600M: -0.35
600M to 10G: -0.7
PHVP20C
<1G0: -0.1
1G0 to 20G: -0.3
PHVP30
<1.5G: -0.07
1.5G to 30G: -0.2
PHVP40
<2G: -0.05
2G to 40G: -0.15
Application Notes
Due to the high voltage, which can appear between the terminations and any adjacent metal part, resistors should be
mounted at an adequate distance from other conductors.
For some ultra-high voltage applications it is required to immerse the components in oil or SF6 gas or pot them in void-
free silicone compound to reduce corona or surface tracking. The extended pad, epoxy coated version is recommended
The axial termination should not be bent closer than twice the diameter of the terminal wire from the
resistor body.
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
07.11
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
Welwyn C omponents L imited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
Derating Curve
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
200
225
Ambient Temperature (°C)
for oil immersion.
Ordering Procedure
Example: PHVP10RC-100MDI (PHVP10, radial terminals, silicone coated, 50ppm/°C TCR, 100 megohms
±0.5%, Pb-free)
P
H
V P
1
0
R
C
-
1
0
0 M D
I
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Type
Terminals
Coating
TCR (ppm/°C)
Value
Tolerance Finish & Packing
PHVP5
R = radial Omit for silicone
coat (standard)
Y = ±15
3/4 characters B = ±0.1%
I = Pb-free,
bulk pack
PHVP7
A = axial
D = ±25
K = kilohms
M = megohms
G = gigohms
C = ±0.25%
PHVP7B
XP = extended
pad, epoxy coat
(for oil immersion)
C = ±50
D = ±0.5%
PHVP10
F = ±1%
PHVP10B
PHVP10C
PHVP15
PHVP15B
PHVP15C
PHVP20
PHVP20B
PHVP20C
PHVP30
PHVP40
Ordering Procedure
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn


Similar Part No. - PHVP40

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PHV EATON-PHV Datasheet
415Kb / 3P
   Cylindrical pack
logo
Bellnix Co.,Ltd.
PHV BELLNIX-PHV Datasheet
283Kb / 4P
   High efficiency, ultra small size output adjustable high voltage power suppy High Efficiency/l type resonance PWM mwthod 5W high voltage DC-DC converter
logo
TRACO Electronic AG
PHV TRACOPOWER-PHV Datasheet
209Kb / 4P
   High Voltage Power Supplies PHV Series, 3.5 – 5 Watt
Rev. October 15, 2018
logo
List of Unclassifed Man...
PHV-5R4H155-R ETC2-PHV-5R4H155-R Datasheet
242Kb / 2P
   Supercapacitors
logo
Cooper Bussmann, Inc.
PHV-5R4H155-R COOPER-PHV-5R4H155-R Datasheet
199Kb / 2P
   Supercapacitors
More results

Similar Description - PHVP40

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDD3120DF-D1R5K-3 CT-CTDD3120DF-D1R5K-3 Datasheet
537Kb / 2P
   Custom service available
logo
TT Electronics.
4500 TTELEC-4500 Datasheet
432Kb / 3P
   customs design service available
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B_10 Datasheet
322Kb / 3P
   xDSL line transformer Custom design is available
logo
Ohmite Mfg. Co.
RES-60S OHMITE-RES-60S Datasheet
324Kb / 2P
   Custom values available
logo
TT Electronics.
4700 TTELEC-4700 Datasheet
348Kb / 4P
   Custom configuration available
logo
Laird Tech Smart Techno...
FG1523 LSTD-FG1523 Datasheet
1Mb / 1P
   Custom tuning available
logo
Recom International Pow...
RI-XX05S RECOM-RI-XX05S Datasheet
89Kb / 2P
   Custom Solutions Available
RN-XX3.3S RECOM-RN-XX3.3S Datasheet
104Kb / 2P
   Custom Solutions Available
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
   custom designs available
logo
Laird Tech Smart Techno...
FG1563 LSTD-FG1563 Datasheet
1Mb / 1P
   Custom tuning available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com