Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3339S133BCG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70T3339S133BCG
Description  HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3339S133BCG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70T3339S133BCG Datasheet HTML 3Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 4Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 5Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 6Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 7Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 8Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 9Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 10Page - Integrated Device Technology 70T3339S133BCG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
6.42
IDT70T3339/19/99S
High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
Recommended DC Operating
Conditions with VDDQ at 3.3V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address, Control
&Data I/O Inputs)(3)
2.0
____
VDDQ + 150mV(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, PIPE/FT
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
VIL
Input Low Voltage -
ZZ, OPT, PIPE/FT
-0.3(1)
____
0.2
V
5652 tbl 05b
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tCYC/2, or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
3. To select operation at 3.3V levels on the I/Os and controls of a given port, the OPT
pin for that port must be set to VDD (2.5V), and VDDQX for that port must be supplied
as indicated above.
Recommended DC Operating
Conditions with VDDQ at 2.5V
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Volltage
(Address, Control &
Data I/O Inputs)(3)
1.7
____
VDDQ + 100mV(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, PIPE/FT
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
VIL
Input Low Voltage -
ZZ, OPT, PIPE/FT
-0.3(1)
____
0.2
V
5652 tbl 05a
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
3. To select operation at 2.5V levels on the I/Os and controls of a given port, the OPT
pin for that port must be set to Vss(0V), and VDDQX for that port must be supplied as
indicated above.
Maximum Operating
Temperature and Supply Voltage(1)
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
2.5V
+ 100mV
Industrial
-40OC to +85OC0V
2.5V
+ 100mV
5652 tbl 04
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.


Similar Part No. - 70T3339S133BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3339S133BCG IDT-70T3339S133BCG Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3339S133BCG8 IDT-70T3339S133BCG8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3339S133BCGI IDT-70T3339S133BCGI Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3339S133BCGI8 IDT-70T3339S133BCGI8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3339S133BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M_14 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_18 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com