Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V7519S200BCGI8 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 70V7519S200BCGI8
Description  HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V7519S200BCGI8 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 70V7519S200BCGI8 Datasheet HTML 5Page - Integrated Device Technology 70V7519S200BCGI8 Datasheet HTML 6Page - Integrated Device Technology 70V7519S200BCGI8 Datasheet HTML 7Page - Integrated Device Technology 70V7519S200BCGI8 Datasheet HTML 8Page - Integrated Device Technology 70V7519S200BCGI8 Datasheet HTML 9Page - Integrated Device Technology 70V7519S200BCGI8 Datasheet HTML 10Page - Integrated Device Technology 70V7519S200BCGI8 Datasheet HTML 11Page - Integrated Device Technology 70V7519S200BCGI8 Datasheet HTML 12Page - Integrated Device Technology 70V7519S200BCGI8 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
6.42
IDT70V7519S
High-Speed 256K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
9
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(5) (VDD = 3.3V ± 150mV)
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input
levels of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 120mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VDDQ - 0.2V
CEX
> VDDQ - 0.2V means CE0X > VDDQ - 0.2V or CE1X < 0.2V
"X" represents "L" for left port or "R" for right port.
70V7519S200(7)
Com'l Only
70V7519S166(6)
Com'l
& Ind
70V7519S133
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled,
f = fMAX(1)
COM'L
S
815
950
675
790
550
645
mA
IND
S
____
____
675
830
550
675
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
S
340
410
275
340
250
295
mA
IND
S
____
____
275
355
250
310
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(3)
Active Port Outputs Disabled,
f=fMAX(1)
COM'L
S
690
770
515
640
460
520
mA
IND
S
____
____
515
660
460
545
ISB3
Full Standby Current
(Both Ports - CMOS
Level Inputs)
Both Ports CEL and CER > VDDQ - 0.2V,
VIN > VDDQ - 0.2V or VIN < 0.2V,
f = 0(2)
COM'L
S
10
30
10
30
10
30
mA
IND
S
____
____
10
40
10
40
ISB4
Full Standby Current
(One Port - CMOS
Level Inputs)
CE"A"
< 0.2V and CE"B" > VDDQ - 0.2V(5)
VIN > VDDQ - 0.2V or VIN < 0.2V,
Active Port, Outputs Disabled,
f = fMAX(1)
COM'L
S
690
770
515
640
460
520
mA
IND
S
____
____
515
660
460
545
5618 tbl 09
6.
166MHz Industrial Temperature not available in BF208 package.
7. This speed grade available when VDDQ = 3.3.V for a specific port (i.e., OPTx = VIH). This speed grade available in BC-256 package only.


Similar Part No. - 70V7519S200BCGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7519S200BCG RENESAS-70V7519S200BCG Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V7519S200BCG8 RENESAS-70V7519S200BCG8 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
More results

Similar Description - 70V7519S200BCGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com