Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9359L6PFGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70V9359L6PFGI
Description  HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9359L6PFGI Datasheet(HTML) 5 Page - Integrated Device Technology

  70V9359L6PFGI Datasheet HTML 1Page - Integrated Device Technology 70V9359L6PFGI Datasheet HTML 2Page - Integrated Device Technology 70V9359L6PFGI Datasheet HTML 3Page - Integrated Device Technology 70V9359L6PFGI Datasheet HTML 4Page - Integrated Device Technology 70V9359L6PFGI Datasheet HTML 5Page - Integrated Device Technology 70V9359L6PFGI Datasheet HTML 6Page - Integrated Device Technology 70V9359L6PFGI Datasheet HTML 7Page - Integrated Device Technology 70V9359L6PFGI Datasheet HTML 8Page - Integrated Device Technology 70V9359L6PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6.42
IDT70V9359/49L
High-Speed 3.3V 8/4K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
5
RecommendedOperating
Temperature and Supply Voltage
Recommended DC Operating
Conditions
Absolute Maximum Ratings(1)
NOTES:
1.
These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance(1)
(TA = +25°C, f = 1.0MHZ)
Truth Table II—Address Counter Control(1,2)
NOTES:
1. VIL > -1.5V for pulse width less than 10 ns.
2. VTERM must not exceed VDD+0.3V.
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed VDD +0.3V for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > VDD + 0.3V.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
External
Address
Previous
Internal
Address
Internal
Address
Used
CLK
ADS
CNTEN
CNTRST
I/O(3)
MODE
An
X
An
L
(4)
XH
DI/O (n)
External Address Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counter Enabled—Internal Address generation
X
An + 1
An + 1
HH
H
DI/O(n+1)
External Address Blocked—Counter disabled (An + 1 reused)
XX
A0
XX
L(4)
DI/O(0)
Counter Reset to Address 0
5638 tbl 03
Grade
Ambient
Temperature
(1)
GND
VDD
Commercial
0OC to +70OC0V
3.3V
+ 0.3V
Industrial
-40OC to +85OC0V
3.3V
+ 0.3V
5638 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3V(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
5638 tbl 05
Symbol
Rating
Commercial
& Industrial
Unit
VTERM
(2)
Terminal Voltage
with Respect to
GND
-0.5 to +4.6
V
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-65 to +150
oC
IOUT
DC Output Current
50
mA
5638 tbl 06
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT(3)
Output Capacitance
VOUT = 3dV
10
pF
5638 tbl 07
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
CE0, LB, UB, and OE = VIL; CE1 and R/W = VIH.
3. Outputs configured in Flow-Through Output mode: if outputs are in Pipelined mode the data out will be delayed by one cycle.
4.
ADS and CNTRST are independent of all other signals including CE0, CE1, UB and LB.
5. The address counter advances if
CNTEN = VIL on the rising edge of CLK, regardless of all other signals including CE0, CE1, UB and LB.


Similar Part No. - 70V9359L6PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9359L6PFGI RENESAS-70V9359L6PFGI Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
More results

Similar Description - 70V9359L6PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com