Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V7319S133BFG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70V7319S133BFG8
Description  HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V7319S133BFG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  70V7319S133BFG8 Datasheet HTML 1Page - Integrated Device Technology 70V7319S133BFG8 Datasheet HTML 2Page - Integrated Device Technology 70V7319S133BFG8 Datasheet HTML 3Page - Integrated Device Technology 70V7319S133BFG8 Datasheet HTML 4Page - Integrated Device Technology 70V7319S133BFG8 Datasheet HTML 5Page - Integrated Device Technology 70V7319S133BFG8 Datasheet HTML 6Page - Integrated Device Technology 70V7319S133BFG8 Datasheet HTML 7Page - Integrated Device Technology 70V7319S133BFG8 Datasheet HTML 8Page - Integrated Device Technology 70V7319S133BFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
6.42
4
IDT70V7319S
High-Speed 256K x 18 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Pin Names
Left Port
Right Port
Names
CE0L,
CE1L
CE0R,
CE1R
Chip Enables
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
BA0L - BA5L
BA0R - BA5R
Bank Address(4)
A0L - A11L
A0R - A11R
Address
I/O0L - I/O17L
I/O0R - I/O17R
Data Input/Output
CLKL
CLKR
Clock
PL/FTL
PL/FTR
Pipeline/Flow-Through
ADSL
ADSR
Address Strobe Enable
CNTENL
CNTENR
Counter Enable
REPEATL
REPEATR
Counter Repeat(3)
LBL
, UBL
LBR
, UBR
Byte Enables (9-bit bytes)
VDDQL
VDDQR
Power (I/O Bus) (3.3V or 2.5V)(1)
OPTL
OPTR
Option for selecting VDDQX(1,2)
VDD
Power (3.3V)(1)
VSS
Ground (0V)
TDI
Test Data Input
TDO
Test Data Output
TCK
Test Logic Clock (10MHz)
TMS
Test Mode Select
TRST
Reset (Initialize TAP Controller)
5629 tbl 01
NOTES:
1. VDD,OPTX,andVDDQXmustbesettoappropriateoperatinglevelspriortoapplyinginputs
ontheI/Osandcontrolsforthatport.
2. OPTXselectstheoperatingvoltagelevelsfortheI/Osandcontrolsonthatport.IfOPTXis
settoVIH(3.3V),thenthatport'sI/Osandcontrolswilloperateat3.3VlevelsandVDDQXmust
besuppliedat3.3V.IfOPTXissettoVIL(0V),thenthatport'sI/Osandaddresscontrolswill
operateat2.5VlevelsandVDDQXmustbesuppliedat2.5V.TheOPTpinsareindependent
ofoneanother—bothportscanoperateat3.3Vlevels,bothcanoperateat2.5Vlevels,oreither
canoperateat3.3Vwiththeotherat2.5V.
3. WhenREPEATXisasserted,thecounterwillresettothelastvalidaddressloadedviaADSX.
4. Accessesbytheportsintospecificbanksarecontrolledbythebankaddresspinsunder
theuser'sdirectcontrol:eachportcanaccessanybankofmemorywiththesharedarray
thatisnotcurrentlybeingaccessedbytheoppositeport(i.e.,BA0L-BA5L
≠BA0R-BA5R).
Intheeventthatbothportstrytoaccessthesamebankatthesametime,neitheraccess
willbevalid,anddataatthetwospecificaddressestargetedbytheportswithinthatbankmay
becorrupted(inthecasethateitherorbothportsarewriting)ormayresultininvalidoutput
(inthecasethatbothportsaretryingtoread).


Similar Part No. - 70V7319S133BFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7319S133BF RENESAS-70V7319S133BF Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319S133BF8 RENESAS-70V7319S133BF8 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319S133BFI RENESAS-70V7319S133BFI Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319S133BFI8 RENESAS-70V7319S133BFI8 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results

Similar Description - 70V7319S133BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7339 RENESAS-70V7339 Datasheet
540Kb / 23P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com