Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9089L7PFGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70V9089L7PFGI8
Description  HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9089L7PFGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  70V9089L7PFGI8 Datasheet HTML 1Page - Integrated Device Technology 70V9089L7PFGI8 Datasheet HTML 2Page - Integrated Device Technology 70V9089L7PFGI8 Datasheet HTML 3Page - Integrated Device Technology 70V9089L7PFGI8 Datasheet HTML 4Page - Integrated Device Technology 70V9089L7PFGI8 Datasheet HTML 5Page - Integrated Device Technology 70V9089L7PFGI8 Datasheet HTML 6Page - Integrated Device Technology 70V9089L7PFGI8 Datasheet HTML 7Page - Integrated Device Technology 70V9089L7PFGI8 Datasheet HTML 8Page - Integrated Device Technology 70V9089L7PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
6.42
IDT70V9089/79S/L
High Speed 3.3V 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input
levels of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. ICC DC(f=0) = 90mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X < 0.2V and CE1X > VDD - 0.2V
CEX
> VDD - 0.2V means CE0X > VDD - 0.2V or CE1X < 0.2V
"X" represents "L" for left port or "R" for right port.
6. 'X' in part number indicates power rating (S or L).
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(6) (VDD = 3.3V ± 0.3V)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 0.3V)
NOTE:
1. At VDD < 2.0V input leakages are undefined.
Symbol
Parameter
Test Conditions
70V9089/79S
70V9089/79L
Unit
Min.
Max.
Min.
Max.
|ILI|
Input Leakage Current(1)
VDD = 3.3V, VIN = 0V to VDD
___
10
___
5µA
|ILO|
Output Leakage Current
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDD
___
10
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
2.4
___
V
3750 tbl 08
70V9089/79X6
Com'l Only
70V9089/79X7
Com'l Only
70V9089/79X9
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CEL
and CER = VIL
Outputs Disabled
f = fMAX(1)
COM'L
S
L
220
220
395
350
200
200
335
290
180
180
260
225
mA
IND
S
L
____
____
____
____
____
____
____
____
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
and CER = VIH
f = fMAX(1)
COM'L
S
L
70
70
145
130
60
60
115
100
50
50
75
65
mA
IND
S
L
____
____
____
____
____
____
____
____
____
____
____
____
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and
CE"B"
= VIH(3)
Active Port Outputs Disabled,
f=fMAX(1)
COM'L
S
L
150
150
280
250
130
130
240
210
110
110
170
150
mA
IND
S
L
____
____
____
____
____
____
____
____
____
____
____
____
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports CER and
CEL
> VDD - 0.2V
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(2)
COM'L
S
L
1.0
0.4
5
3
1.0
0.4
5
3
1.0
0.4
5
3
mA
IND
S
L
____
____
____
____
____
____
____
____
____
____
____
____
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VDD - 0.2V(5)
VIN > VDD - 0.2V or
VIN < 0.2V, Active Port
Outputs Disabled, f = fMAX(1)
COM'L
S
L
140
140
270
240
120
120
230
200
100
100
160
140
mA
IND
S
L
____
____
____
____
____
____
____
____
____
____
____
____
3750 tbl 09a


Similar Part No. - 70V9089L7PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9089L12 RENESAS-70V9089L12 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
70V9089L12PFGI RENESAS-70V9089L12PFGI Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
70V9089L12PFGI8 RENESAS-70V9089L12PFGI8 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results

Similar Description - 70V9089L7PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com