Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9099L9PFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70V9099L9PFG
Description  HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9099L9PFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70V9099L9PFG Datasheet HTML 3Page - Integrated Device Technology 70V9099L9PFG Datasheet HTML 4Page - Integrated Device Technology 70V9099L9PFG Datasheet HTML 5Page - Integrated Device Technology 70V9099L9PFG Datasheet HTML 6Page - Integrated Device Technology 70V9099L9PFG Datasheet HTML 7Page - Integrated Device Technology 70V9099L9PFG Datasheet HTML 8Page - Integrated Device Technology 70V9099L9PFG Datasheet HTML 9Page - Integrated Device Technology 70V9099L9PFG Datasheet HTML 10Page - Integrated Device Technology 70V9099L9PFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
6.42
IDT70V9199/099L
High-Speed 3.3V 128K x9/x8 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
7
AC Test Conditions
Figure 1. AC Output Test load.
Figure 2. Output Test Load
(For tCKLZ, tCKHZ, tOLZ, and tOHZ).
*Including scope and jig.
Figure 3. Typical Output Derating (Lumped Capacitive Load).
4859 drw 04
590
30pF
435
3.3V
DATAOUT
590
5pF*
435
3.3V
DATAOUT
4859 drw 03
1
2
3
4
5
6
7
8
20 40
100
60 80
120 140 160 180 200
tCD1
,
tCD2
(Typical, ns)
Capacitance (pF)
4859 drw 05
-1
0
- 10pF is the I/O capacitance
of this device, and 30pF is the
AC Test Load Capacitance
.
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1, 2, and 3
4859 tbl 10


Similar Part No. - 70V9099L9PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V9099L9PFG IDT-70V9099L9PFG Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9099L9PFG RENESAS-70V9099L9PFG Datasheet
474Kb / 18P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JULY 2019
70V9099L9PFG8 RENESAS-70V9099L9PFG8 Datasheet
474Kb / 18P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
70V9099L9PFGI IDT-70V9099L9PFGI Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V9099L9PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9199 IDT-IDT70V9199 Datasheet
300Kb / 17P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9199 RENESAS-70V9199 Datasheet
474Kb / 18P
   HIGH-SPEED 3.3V 128K x9/x8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L Datasheet
222Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
   HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com