Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9359L9PFGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70V9359L9PFGI
Description  HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9359L9PFGI Datasheet(HTML) 4 Page - Integrated Device Technology

  70V9359L9PFGI Datasheet HTML 1Page - Integrated Device Technology 70V9359L9PFGI Datasheet HTML 2Page - Integrated Device Technology 70V9359L9PFGI Datasheet HTML 3Page - Integrated Device Technology 70V9359L9PFGI Datasheet HTML 4Page - Integrated Device Technology 70V9359L9PFGI Datasheet HTML 5Page - Integrated Device Technology 70V9359L9PFGI Datasheet HTML 6Page - Integrated Device Technology 70V9359L9PFGI Datasheet HTML 7Page - Integrated Device Technology 70V9359L9PFGI Datasheet HTML 8Page - Integrated Device Technology 70V9359L9PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
6.42
IDT70V9359/49L
High-Speed 3.3V 8/4K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
4
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
ADS, CNTEN, CNTRST = X.
3.
OE is an asynchronous input signal.
Truth Table I—Read/Write and Enable Control(1,2,3)
Pin Names
Left Port
Right Port
Names
CE0L, CE1L
CE0R, CE1R
Chip Enables
(3)
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A12L
(1)
A0R - A12R
(1)
Address
I/O0L - I/O17L
I/O0R - I/O17R
Data Input/Output
CLKL
CLKR
Clock
UBL
UBR
Upper Byte Select(2)
LBL
LBR
Lower Byte Select(2)
ADSL
ADSR
Address Strobe Enable
CNTENL
CNTENR
Counter Enable
CNTRSTL
CNTRSTR
Counter Reset
FT/PIPEL
FT/PIPER
Flow-Through / Pipeline
VDD
Power (3.3V)
VSS
Ground (0V)
5638 tbl 01
OE
CLK
CE0(5)
CE1
(5)
UB(4)
LB(4)
R/
W
Upper Byte
I/O9-17
Lower Byte
I/O0-8
MODE
X
H
X
X
X
X
High-Z
High-Z
Deselected–Power Down
X
X
L
X
X
X
High-Z
High-Z
Deselected–Power Down
X
L
H
H
H
X
High-Z
High-Z
Both Bytes Deselected
X
LH
LH
L
DATAIN
High-Z
Write to Upper Byte Only
X
LH
H
L
L
High-Z
DATAIN
Write to Lower Byte Only
X
L
H
LLL
DATAIN
DATAIN
Write to Both Bytes
L
LH
LH
H
DATAOUT
High-Z
Read Upper Byte Only
L
LH
H
L
H
High-Z
DATAOUT
Read Lower Byte Only
L
LH
L
L
H
DATAOUT
DATAOUT
Read Both Bytes
H
X
L
H
X
X
X
High-Z
High-Z
Outputs Disabled
5638 tbl 02
NOTE:
1. A12 is a NC for IDT70V9349.
2.
LB and UB are single buffered regardless of state of FT/PIPE.
3.
CEo and CE1 are single buffered when FT/PIPE = VIL,
CEo and CE1 are double buffered when FT/PIPE = VIH,
i.e. the signals take two cycles to deselect.
4
LB and UB are single buffered regardless of state of FT/PIPE.
5.
CEo and CE1 are single buffered when FT/PIPE = VIL. CEo and CE1 are double buffered when FT/PIPE = VIH, i.e. the signals take two cycles to deselect.


Similar Part No. - 70V9359L9PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9359L9PFGI RENESAS-70V9359L9PFGI Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
More results

Similar Description - 70V9359L9PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9359 IDT-IDT70V9359 Datasheet
306Kb / 16P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9359 RENESAS-IDT70V9359 Datasheet
377Kb / 18P
   HIGH-SPEED 3.3V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70T9359 IDT-IDT70T9359 Datasheet
214Kb / 16P
   HIGH-SPEED 2.5V 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com