Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V3569S4BCG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70V3569S4BCG8
Description  HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3569S4BCG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  70V3569S4BCG8 Datasheet HTML 1Page - Integrated Device Technology 70V3569S4BCG8 Datasheet HTML 2Page - Integrated Device Technology 70V3569S4BCG8 Datasheet HTML 3Page - Integrated Device Technology 70V3569S4BCG8 Datasheet HTML 4Page - Integrated Device Technology 70V3569S4BCG8 Datasheet HTML 5Page - Integrated Device Technology 70V3569S4BCG8 Datasheet HTML 6Page - Integrated Device Technology 70V3569S4BCG8 Datasheet HTML 7Page - Integrated Device Technology 70V3569S4BCG8 Datasheet HTML 8Page - Integrated Device Technology 70V3569S4BCG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2014 Integrated Device Technology, Inc.
OCTOBER 2014
DSC 4831/13
1
Functional Block Diagram
Features:
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed clock to data access
– Commercial: 4.2/5/6ns (max.)
– Industrial: 5ns (max)
Pipelined output mode
Counter enable and reset features
Dual chip enables allow for depth expansion without
additional logic
Full synchronous operation on both ports
– 7.5ns cycle time, 133MHz operation (9.6 Gbps bandwidth)
– Fast 4.2ns clock to data out
– 1.8ns setup to clock and 0.7ns hold on all control, data, and
address inputs @ 133MHz
– Data input, address, byte enable and control registers
– Self-timedwriteallowsfastcycletime
Separate byte controls for multiplexed bus and bus
matching compatibility
LVTTL- compatible, single 3.3V (±150mV) power supply for
core
LVTTL- compatible, selectable 3.3V (±150mV)/2.5V (±125mV)
power supply for I/Os and control signals on each port
Industrial temperature range (-40°C to +85°C) is
available for selected speeds
Available in a 208-pin Plastic Quad Flatpack (PQFP),
208-ball fine-pitch Ball Grid Array, and 256-pin Ball
GridArray
Green parts availble, see ordering instructions
HIGH-SPEED 3.3V 16K x 36
SYNCHRONOUS PIPELINED
DUAL-PORT STATIC RAM
WITH 3.3V OR 2.5V INTERFACE
IDT70V3569S
CNTRSTR
Counter/
Address
Reg.
A13R
A0R
Counter/
Address
Reg.
CNTENR
ADSR
CNTENL
ADSL
CNTRSTL
Dout0-8_L
Dout9-17_L
Dout18-26_L
Dout27-35_L
Dout0-8_R
Dout9-17_R
Dout18-26_R
Dout27-35_R
B
W
0
L
B
W
1
L
B
W
2
L
B
W
3
L
B
W
3
R
B
W
2
R
B
W
1
R
B
W
0
R
I/O0L- I/O35L
A13L
A0L
I/O0R -I/O35R
Din_L
ADDR_L
Din_R
ADDR_R
OER
OEL
4831 tbl 01
BE3L
BE2L
BE1L
BE0L
R/
WL
CE0L
BE3R
BE2R
BE1R
BE0R
R/
WR
CE0R
CE1R
CE1L
16K x 36
MEMORY
ARRAY
CLKR
CLKL
,


Similar Part No. - 70V3569S4BCG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3569S4BCG8 IDT-70V3569S4BCG8 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3569S4BCG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com