Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9369L6PFGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70V9369L6PFGI
Description  HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9369L6PFGI Datasheet(HTML) 5 Page - Integrated Device Technology

  70V9369L6PFGI Datasheet HTML 1Page - Integrated Device Technology 70V9369L6PFGI Datasheet HTML 2Page - Integrated Device Technology 70V9369L6PFGI Datasheet HTML 3Page - Integrated Device Technology 70V9369L6PFGI Datasheet HTML 4Page - Integrated Device Technology 70V9369L6PFGI Datasheet HTML 5Page - Integrated Device Technology 70V9369L6PFGI Datasheet HTML 6Page - Integrated Device Technology 70V9369L6PFGI Datasheet HTML 7Page - Integrated Device Technology 70V9369L6PFGI Datasheet HTML 8Page - Integrated Device Technology 70V9369L6PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6.42
IDT70V9369L
High-Speed 3.3V 16K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
5
DC Electrical Characteristics Over the Operating
Temperature Supply Voltage Range(3) (VDD = 3.3V ± 0.3V)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 0.3V)
NOTE:
1. AtVDD<2.0Vinputleakagesareundefined.
NOTES:
1. Atf=fMAX,addressandcontrollines(exceptOutputEnable)arecyclingatthemaximumfrequencyclockcycleof1/tCYC,using"ACTESTCONDITIONS"atinputlevelsofGNDto3V.
2. f=0meansnoaddress,clock,orcontrollineschange.AppliesonlytoinputatCMOSlevelstandby.
3. Port"A"maybeeitherleftorright port.Port"B"istheoppositefromport"A".
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDDDC(f=0)= 90mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX
= VIH means CE0X = VIH or CE1X = VIL
CEX
< 0.2V means CE0X< 0.2V and CE1X > VDD - 0.2V
CEX
> VDD - 0.2V means CE0X > VDD - 0.2V or CE1X < 0.2V
"X"represents"L"forleftportor"R"forrightport.
Symbol
Parameter
Test Conditions
70V9369L
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDD = 3.6V, VIN = 0V to VDD
___
5µA
|ILO|
Output Leakage Current
CEO
= VIH or CE1 = VIL, VOUT = 0V to VDD
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
V
5648 tbl 08
70V9369L6
Com'l Only
70V9369L7
Com'l
& Ind
70V9369L9
Com'l Only
70V9369L12
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL
and CER= VIL,
Outputs Disabled,
f = fMAX(1)
COM'L
L
220
350
200
290
180
225
150
205
mA
IND
L
____
____
200
335
____
____
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH
f = fMAX(1)
COM'L
L
70
130
65
100
50
65
40
50
mA
IND
L
____
____
65
115
____
____
____
____
ISB2
Standby
Current (One
Port - TTL
Level Inputs)
CE"A"
= VIL and
CE"B"
= VIH(5)
Active Port Outputs
Disabled, f=fMAX(1)
COM'L
L
150
250
140
210
110
150
100
140
mA
IND
L
____
____
140
240
____
____
____
____
ISB3
Full Standby
Current (Both
Ports - CMOS
Level Inputs)
Both Ports CEL and
CER
> VDD - 0.2V,
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(2)
COM'L
L
0.45
0.450.4
5
0.4
5
mA
IND
L
____
____
0.4
15
____
____
____
____
ISB4
Full Standby
Current (One
Port - CMOS
Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VDD - 0.2V(5)
VIN > VDD - 0.2V or
VIN < 0.2V, Active Port,
Outputs Disabled, f = fMAX(1)
COM'L
L
140
240
130
200
100
140
90
130
mA
IND
L
____
____
130
230
____
____
____
____
5648 tbl 09


Similar Part No. - 70V9369L6PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V9369L6PFGI IDT-70V9369L6PFGI Datasheet
222Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V9369L6PFGI8 IDT-70V9369L6PFGI8 Datasheet
222Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V9369L6PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_14 Datasheet
180Kb / 17P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_15 Datasheet
729Kb / 17P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com