Electronic Components Datasheet Search |
|
70V3599S166BFG Datasheet(PDF) 2 Page - Integrated Device Technology |
|
70V3599S166BFG Datasheet(HTML) 2 Page - Integrated Device Technology |
2 / 23 page 6.42 2 High-Speed 3.3V 128/64K x 36 Dual-Port Synchronous Static RAM Industrial and Commercial Temperature Ranges IDT70V3599/89S Description: The IDT70V3599/89 is a high-speed 128/64K x 36 bit synchronous Dual-Port RAM. The memory array utilizes Dual-Port memory cells to allowsimultaneousaccessofanyaddressfrombothports.Registerson control, data, and address inputs provide minimal setup and hold times. The timing latitude provided by this approach allows systems tobedesignedwithveryshortcycletimes.Withaninputdataregister,the IDT70V3599/89hasbeenoptimizedforapplicationshavingunidirectional or bidirectional data flow in bursts. An automatic power down feature, controlled by CE0and CE1, permits the on-chip circuitry of each port to enter a very low standby power mode. The 70V3599/89 can support an operating voltage of either 3.3V or 2.5Vononeorbothports,controllablebytheOPTpins.Thepowersupply for the core of the device (VDD) remains at 3.3V. Pin Configuration(1,2,3,4,5) NOTES: 1. A16 is a NC for IDT70V3589. 2. All VDD pins must be connected to 3.3V power supply. 3. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is set to VIL (0V). 4. All VSS pins must be connected to ground supply. 5. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch. 6. This package code is used to reference the package diagram. 7. This text does not indicate orientation of the actual part-marking. A17 VSS B17 I/O15R C17 VSS D17 I/O14R E16 VSS E17 I/O13L D16 I/O14L C16 I/O15L B16 I/O16L A16 I/O17L A15 OPTL B15 VDDQR C15 I/O16R D15 VDDQL E15 I/O13R E14 I/O12L D14 I/O17R D13 VDD C12 A6L C14 VDD B14 VSS A14 A0L A12 CNTENL B12 A5L C11 R/ WL D12 A3L D11 REPEATL C10 VSS B11 ADSL A11 CLKL D8 BE0L C8 BE3L A9 BE1L D9 VDD C9 CE1L B9 CE0L D10 OEL C7 A10L B8 BE2L A8 A8L B13 A1L A13 A4L A10 VDD D7 A7L B7 A9L A7 A12L B6 A13L C6 A14L D6 A11L A5 NC B5 NC C5 NC D5 A15L A4 TDO B4 TDI C4 PL/ FTL D4 I/O20L A3 VSS B3 I/O18R C3 VDDQR D3 I/O21L D2 VSS C2 I/O19R B2 VSS A2 IO18L A1 IO19L B1 I/O20R C1 VDDQL D1 I/O22L E1 I/O23L E2 I/O22R E3 VDDQR E4 I/O21R F1 VDDQL F2 I/O23R F3 I/O24L F4 VSS G1 I/O26L G2 VSS G3 I/O25L G4 I/O24R H1 VDD H2 I/O26R H3 VDDQR H4 I/O25R J1 VDDQL J2 VDD J3 VSS J4 VSS K1 I/O28R K2 VSS K3 I/O27R K4 VSS L1 I/O29R L2 I/O28L L3 VDDQR L4 I/O27L M1 VDDQL M2 I/O29L M3 I/O30R M4 VSS N1 I/O31L N2 VSS N3 I/O31R N4 I/O30L P1 I/O32R P2 I/O32L P3 VDDQR P4 I/O35R R1 VSS R2 I/O33L R3 I/O34R R4 TCK T1 I/O33R T2 I/O34L T3 VDDQL T4 TMS U1 VSS U2 I/O35L U3 PL/ FTR U4 NC P5 TRST R5 NC U6 A11R P12 CNTENR P8 A8R U10 OER P9 BE1R R8 BE2R T8 BE3R U9 VDD P10 VDD T11 R/ WR U8 BE0R P11 CLKR R12 A5R T12 A6R U12 A3R P13 A4R P7 A12R R13 A1R T13 A2R U13 A0R R6 A13R T5 NC U7 A7R U14 VDD T14 VSS R14 VSS P14 I/O2L P15 I/O3L R15 VDDQL T15 I/O0R U15 OPTR U16 I/O0L U17 I/O1L T16 VSS T17 I/O2R R17 VDDQR R16 I/O1R P17 I/O4L P16 VSS N17 I/O5L N16 I/O4R N15 VDDQL N14 I/O3R M17 VDDQR M16 I/O5R M15 I/O6L M14 VSS L17 I/O8L L16 VSS L15 I/O7L L14 I/O6R K17 VSS K16 I/O8R K15 VDDQL K14 I/O7R J17 VDDQR J16 VSS J15 VDD J14 VSS H17 I/O10R H16 VSS H15 IO9R H14 VDD G17 I/O11R G16 I/O10L G15 VDDQL G14 I/O9L F17 VDDQR F16 I/O11L F14 VSS 70V3599/89BF BF-208(6) 208-Pin fpBGA Top View(7) F15 I/O12R R9 CE0R R11 ADSR T6 A14R T9 CE1R A6 A16L(1) B10 VSS C13 A2L P6 A16R(1) R10 VSS R7 A9R T10 VSS T7 A10R U5 A15R 5617 drw 02c , 06/28/02 |
Similar Part No. - 70V3599S166BFG |
|
Similar Description - 70V3599S166BFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |