Electronic Components Datasheet Search |
|
70V9389L7PFG Datasheet(PDF) 6 Page - Integrated Device Technology |
|
70V9389L7PFG Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 19 page 6.42 6 IDT70V9389/289L High-Speed 3.3V 64K x18/x16 Dual-Port Synchronous Pipelined Static RAM Industrial & Commercial Temperature Ranges NOTES: 1. "H" = VIH, "L" = VIL, "X" = Don't Care. 2. ADS, CNTEN, CNTRST = X. 3. OE is an asynchronous input signal. 4. LB and UB are single buffered regardless of state of FT/PIPE. 5. CEo and CE1 are single buffered when FT/PIPE = VIL. CEo and CE1 are double buffered when FT/PIPE = VIH, i.e. the signals take two cycles to deselect. 6. I/O8 - I/O15 for IDT70V9289. 7. I/O0 - I/O7 for IDT70V9289. Truth Table I—Read/Write and Enable Control(1,2,3) Pin Names Left Port Right Port Names CE0L, CE1L CE0R, CE1R Chip Enables(3) R/WL R/WR Read/Write Enable OEL OER Output Enable A0L - A15L A0R - A15R Address I/O0L - I/O17L(1) I/O0R - I/O17R(1) Data Input/Output CLKL CLKR Clock UBL UBR Upper Byte Select(2) LBL LBR Lower Byte Select(2) ADSL ADSR Address Strobe Enable CNTENL CNTENR Counter Enable CNTRSTL CNTRSTR Counter Reset FT/PIPEL FT/PIPER Flow-Through / Pipeline VDD Power (3.3V) VSS Ground (0V) 4856 tbl 01 OE CLK CE0(5) CE1(5) UB(4) LB(4) R/W Upper Byte I/O9-17(6) Lower Byte I/O0-8(7) MODE X ↑ H X X X X High-Z High-Z Deselected–Power Down X ↑ X L X X X High-Z High-Z Deselected–Power Down X ↑ L H H H X High-Z High-Z Both Bytes Deselected X ↑ LH LH L DIN High-Z Write to Upper Byte Only X ↑ LH H L L High-Z DATAIN Write to Lower Byte Only X ↑ LH L L L DATAIN DATAIN Write to Both Bytes L ↑ LH LH H DATAOUT High-Z Read Upper Byte Only L ↑ LH H L H High-Z DATAOUT Read Lower Byte Only L ↑ LH L L H DATAOUT DATAOUT Read Both Bytes H X L H L L X High-Z High-Z Outputs Disabled 4856 tbl 02 NOTES: 1. I/O0X - I/O15X for IDT70V9289. 2. LB and UB are single buffered regardless of state of FT/PIPE. 3. CEo and CE1 are single buffered when FT/PIPE = VIL, CEo and CE1 are double buffered when FT/PIPE = VIH, i.e. the signals take two cycles to deselect. |
Similar Part No. - 70V9389L7PFG |
|
Similar Description - 70V9389L7PFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |