Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V3569S4BCG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70V3569S4BCG
Description  HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3569S4BCG Datasheet(HTML) 5 Page - Integrated Device Technology

  70V3569S4BCG Datasheet HTML 1Page - Integrated Device Technology 70V3569S4BCG Datasheet HTML 2Page - Integrated Device Technology 70V3569S4BCG Datasheet HTML 3Page - Integrated Device Technology 70V3569S4BCG Datasheet HTML 4Page - Integrated Device Technology 70V3569S4BCG Datasheet HTML 5Page - Integrated Device Technology 70V3569S4BCG Datasheet HTML 6Page - Integrated Device Technology 70V3569S4BCG Datasheet HTML 7Page - Integrated Device Technology 70V3569S4BCG Datasheet HTML 8Page - Integrated Device Technology 70V3569S4BCG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6.42
IDT70V3569S
High-Speed 16K x 36 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
5
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. ADS, CNTEN, CNTRST = X.
3. OE is an asynchronous input signal.
4. It is possible to read or write any combination of bytes during a given access. A few representative samples have been illustrated here.
Truth Table I—Read/Write and Enable Control(1,2,3,4)
Pin Names
Left Port
Right Port
Names
CE0L,
CE1L
CE0R,
CE1R
Chip Enables
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A13L
A0R - A13R
Address
I/O0L - I/O35L
I/O0R - I/O35R
Data Input/Output
CLKL
CLKR
Clock
ADSL
ADSR
Address Strobe Enable
CNTENL
CNTENR
Counter Enable
CNTRSTL
CNTRSTR
Counter Reset
BE0L
- BE3L
BE0R
- BE3R
Byte Enables (9-bit bytes)
VDDQL
VDDQR
Power (I/O Bus) (3.3V or 2.5V)(1)
OPTL
OPTR
Option for selection VDDQX(1,2)
VDD
Power (3.3V)(1)
VSS
Ground (0V)
4831 tbl 01
OE
CLK
CE0
CE1
BE3
BE2
BE1
BE0
R/W
Byte 3
I/O27-35
Byte 2
I/O18-26
Byte 1
I/O9-17
Byte 0
I/O0-8
MODE
X
H
XXXX
XXHigh-Z
High-Z
High-Z
High-Z
Deselected–Power Down
X
X
L
XXX
XXHigh-Z
High-Z
High-Z
High-Z
Deselected–Power Down
X
L
HHHH
H
X
High-Z
High-Z
High-Z
High-Z
All Bytes Deselected
X
L
HHHH
L
L
High-Z
High-Z
High-Z
DIN
Write to Byte 0 Only
X
L
HHH
L
H
L
High-Z
High-Z
DIN
High-Z
Write to Byte 1 Only
X
L
H
HL
HHL
High-Z
DIN
High-Z
High-Z
Write to Byte 2 Only
X
LH
LH
H
H
L
DIN
High-Z
High-Z
High-Z
Write to Byte 3 Only
X
L
HHH
L
L
L
High-Z
High-Z
DIN
DIN
Write to Lower 2 Bytes Only
X
L
H
L
L
HHL
DIN
DIN
High-Z
High-Z
Write to Upper 2 bytes Only
X
L
H
LLL
LL
DIN
DIN
DIN
DIN
Write to All Bytes
L
L
HHHH
L
H
High-Z
High-Z
High-Z
DOUT
Read Byte 0 Only
L
L
HHH
L
H
H
High-Z
High-Z
DOUT
High-Z
Read Byte 1 Only
L
L
H
HL
HH
H
High-Z
DOUT
High-Z
High-Z
Read Byte 2 Only
L
LH
LH
H
H
H
DOUT
High-Z
High-Z
High-Z
Read Byte 3 Only
L
L
HHH
L
L
H
High-Z
High-Z
DOUT
DOUT
Read Lower 2 Bytes Only
L
LH
L
L
H
H
H
DOUT
DOUT
High-Z
High-Z
Read Upper 2 Bytes Only
L
LH
L
L
L
LH
DOUT
DOUT
DOUT
DOUT
Read All Bytes
H
L
H
L
L
L
L
X
High-Z
High-Z
High-Z
High-Z
Outputs Disabled
4831 tbl 02
NOTES:
1. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to
applying inputs on the I/Os and controls for that port.
2. OPTX selects the operating voltage levels for the I/Os and controls on that port.
If OPTX is set to VIH (3.3V), then that port's I/Os and controls will operate at 3.3V
levels and VDDQX must be supplied at 3.3V. If OPTX is set to VIL (0V), then that
port's I/Os and controls will operate at 2.5V levels and VDDQX must be supplied
at 2.5V. The OPT pins are independent of one another—both ports can operate
at 3.3V levels, both can operate at 2.5V levels, or either can operate at 3.3V
with the other at 2.5V.


Similar Part No. - 70V3569S4BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3569S4BCG IDT-70V3569S4BCG Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3569S4BCG8 IDT-70V3569S4BCG8 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3569S4BCGI IDT-70V3569S4BCGI Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3569S4BCGI8 IDT-70V3569S4BCGI8 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3569S4BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3569 RENESAS-70V3569 Datasheet
481Kb / 18P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
AUGUST 2019
logo
Integrated Device Techn...
IDT70V3569 IDT-IDT70V3569 Datasheet
187Kb / 16P
   HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709379 RENESAS-709379 Datasheet
360Kb / 17P
   HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com