Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9289L9PFGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 70V9289L9PFGI8
Description  HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9289L9PFGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 70V9289L9PFGI8 Datasheet HTML 4Page - Integrated Device Technology 70V9289L9PFGI8 Datasheet HTML 5Page - Integrated Device Technology 70V9289L9PFGI8 Datasheet HTML 6Page - Integrated Device Technology 70V9289L9PFGI8 Datasheet HTML 7Page - Integrated Device Technology 70V9289L9PFGI8 Datasheet HTML 8Page - Integrated Device Technology 70V9289L9PFGI8 Datasheet HTML 9Page - Integrated Device Technology 70V9289L9PFGI8 Datasheet HTML 10Page - Integrated Device Technology 70V9289L9PFGI8 Datasheet HTML 11Page - Integrated Device Technology 70V9289L9PFGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
6.42
8
IDT70V9389/289L
High-Speed 3.3V 64K x18/x16 Dual-Port Synchronous Pipelined Static RAM
Industrial & Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature Supply Voltage Range(3) (VDD = 3.3V ± 0.3V)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 0.3V)
NOTE:
1. At VDD < 2.0V input leakages are undefined.
NOTES:
1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS" at input
levels of GND to 3V.
2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
4. VDD = 3.3V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 90mA (Typ).
5. CEX = VIL means CE0X = VIL and CE1X = VIH
CEX = VIH means CE0X = VIH or CE1X = VIL
CEX < 0.2V means CE0X < 0.2V and CE1X > VDD - 0.2V
CEX > VDD - 0.2V means CE0X > VCC - 0.2V or CE1X < 0.2V
"X" represents "L" for left port or "R" for right port.
Symbol
Parameter
Test Conditions
70V9389/289L
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDD = 3.6V, VIN = 0V to VDD
___
5µA
|ILO|
Output Leakage Current
CE = VIH or CE1 = VIL, VOUT = 0V to VDD
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
V
4856 tbl 08
70V9389/289L7
Com'l Only
70V9389/289L9
Com'l & Ind
70V9389/289L12
Com'l Only
Symbol
Parameter
Test Condition
Version
Typ.(4)
Max.
Typ.(4)
Max.
Typ.(4)
Max.
Unit
IDD
Dynamic Operating
Current (Both
Ports Active)
CEL and CER= VIL,
Outputs Disabled,
f = fMAX(1)
COM'L
L
200
250
175
230
150
200
mA
IND
L
____
____
180
240
____
____
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL = CER = VIH
f = fMAX(1)
COM'L
L
50
75
40
65
30
50
mA
IND
L
____
____
50
70
____
____
ISB2
Standby
Current (One
Port - TTL
Level Inputs)
CE"A" = VIL and
CE"B" = VIH(5)
Active Port Outputs Disabled,
f=fMAX(1)
COM'L
L
130
165
110
145
95
130
mA
IND
L
____
____
110
155
____
____
ISB3
Full Standby
Current (Both
Ports - CMOS
Level Inputs)
Both Ports CEL and
CER > VDD - 0.2V,
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(2)
COM'L
L
0.420.4
20.4
2
mA
IND
L
____
____
0.4
2
____
____
ISB4
Full Standby
Current (One
Port - CMOS
Level Inputs)
CE"A" < 0.2V and
CE"B" > VDD - 0.2V(5)
VIN > VDD - 0.2V or
VIN < 0.2V, Active Port,
Outputs Disabled, f = fMAX(1)
COM'L
L
130
160
100
140
90
125
mA
IND
L
____
____
100
155
____
____
4856 tbl 09a


Similar Part No. - 70V9289L9PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V9289L9PFGI8 IDT-70V9289L9PFGI8 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V9289L9PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9389 IDT-IDT70V9389 Datasheet
327Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9289L RENESAS-70V9289L Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com