Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3599S166DRG8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70T3599S166DRG8
Description  HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3599S166DRG8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70T3599S166DRG8 Datasheet HTML 3Page - Integrated Device Technology 70T3599S166DRG8 Datasheet HTML 4Page - Integrated Device Technology 70T3599S166DRG8 Datasheet HTML 5Page - Integrated Device Technology 70T3599S166DRG8 Datasheet HTML 6Page - Integrated Device Technology 70T3599S166DRG8 Datasheet HTML 7Page - Integrated Device Technology 70T3599S166DRG8 Datasheet HTML 8Page - Integrated Device Technology 70T3599S166DRG8 Datasheet HTML 9Page - Integrated Device Technology 70T3599S166DRG8 Datasheet HTML 10Page - Integrated Device Technology 70T3599S166DRG8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.42
IDT70T3519/99/89S
High-Speed 2.5V 256/128/64K x 36 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
7
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. ADS, CNTEN, REPEAT = X.
3. OE and ZZ are asynchronous input signals.
4. It is possible to read or write any combination of bytes during a given access. A few representative samples have been illustrated here.
Truth Table I—Read/Write and Enable Control (1,2,3,4)
OE
CLK
CE0
CE1
BE3
BE2
BE1
BE0
R/W
ZZ
Byte 3
I/O27-35
Byte 2
I/O18-26
Byte 1
I/O9-17
Byte 0
I/O0-8
MODE
X
H
X
X
X
X
X
X
L
High-Z
High-Z
High-Z
High-Z
Deselected–Power Down
X
X
L
X
X
X
X
X
L
High-Z
High-Z
High-Z
High-Z
Deselected–Power Down
X
L
H
H
H
H
H
X
L
High-Z
High-Z
High-Z
High-Z
All Bytes Deselected
X
L
H
H
H
H
L
L
L
High-Z
High-Z
High-Z
DIN
Write to Byte 0 Only
X
LH
H
H
LH
L
L
High-Z
High-Z
DIN
High-Z
Write to Byte 1 Only
X
LH
H
L
H
H
L
L
High-Z
DIN
High-Z
High-Z
Write to Byte 2 Only
X
LH
LH
H
H
L
L
DIN
High-Z
High-Z
High-Z
Write to Byte 3 Only
X
L
H
H
H
L
L
L
L
High-Z
High-Z
DIN
DIN
Write to Lower 2 Bytes Only
X
LH
L
L
H
H
L
L
DIN
DIN
High-Z
High-Z
Write to Upper 2 bytes Only
X
L
H
LL
LL
L
L
DIN
DIN
DIN
DIN
Write to All Bytes
L
L
H
H
H
H
L
H
L
High-Z
High-Z
High-Z
DOUT
Read Byte 0 Only
L
LH
H
H
LH
H
L
High-Z
High-Z
DOUT
High-Z
Read Byte 1 Only
L
LH
H
L
H
H
H
L
High-Z
DOUT
High-Z
High-Z
Read Byte 2 Only
L
LH
LH
H
H
H
L
DOUT
High-Z
High-Z
High-Z
Read Byte 3 Only
L
L
H
H
H
L
L
H
L
High-Z
High-Z
DOUT
DOUT
Read Lower 2 Bytes Only
L
LH
L
L
H
H
H
L
DOUT
DOUT
High-Z
High-Z
Read Upper 2 Bytes Only
L
L
H
LL
LL
H
L
DOUT
DOUT
DOUT
DOUT
Read All Bytes
H
X
X
X
X
X
X
X
L
High-Z
High-Z
High-Z
High-Z
Outputs Disabled
X
X
X
X
X
X
X
X
X
H
High-Z
High-Z
High-Z
High-Z
Sleep Mode
5666 tbl 02
Truth Table II—Address Counter Control (1,2)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. Read and write operations are controlled by the appropriate setting of R/W, CE0, CE1, BEn and OE.
3. Outputs configured in flow-through output mode: if outputs are in pipelined mode the data out will be delayed by one cycle.
4. ADS and REPEAT are independent of all other memory control signals including CE0, CE1 and BEn
5. The address counter advances if CNTEN = VIL on the rising edge of CLK, regardless of all other memory control signals including CE0, CE1, BEn.
6. When REPEAT is asserted, the counter will reset to the last valid address loaded via ADS. This value is not set at power-up: a known location should be loaded
via ADS during initialization if desired. Any subsequent ADS access during operations will update the REPEAT address location.
Address
Previous
Internal
Address
Internal
Address
Used
CLK
ADS
CNTEN
REPEAT(6)
I/O(3)
MODE
An
X
An
L(4)
XH
DI/O (n)
External Address Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counter Enabled—Internal Address generation
X
An + 1
An + 1
HH
H
DI/O(n+1)
External Address Blocked—Counter disabled (An + 1 reused)
XX
An
XX
L(4)
DI/O(n)
Counter Set to last valid ADS load
5666 tbl 03


Similar Part No. - 70T3599S166DRG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3599S166DRG8 IDT-70T3599S166DRG8 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3599S166DRG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
logo
Integrated Device Techn...
IDT70V3599 IDT-IDT70V3599 Datasheet
356Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com