Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9289L7PFG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70V9289L7PFG8
Description  HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9289L7PFG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  70V9289L7PFG8 Datasheet HTML 1Page - Integrated Device Technology 70V9289L7PFG8 Datasheet HTML 2Page - Integrated Device Technology 70V9289L7PFG8 Datasheet HTML 3Page - Integrated Device Technology 70V9289L7PFG8 Datasheet HTML 4Page - Integrated Device Technology 70V9289L7PFG8 Datasheet HTML 5Page - Integrated Device Technology 70V9289L7PFG8 Datasheet HTML 6Page - Integrated Device Technology 70V9289L7PFG8 Datasheet HTML 7Page - Integrated Device Technology 70V9289L7PFG8 Datasheet HTML 8Page - Integrated Device Technology 70V9289L7PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
6.42
2
IDT70V9389/289L
High-Speed 3.3V 64K x18/x16 Dual-Port Synchronous Pipelined Static RAM
Industrial & Commercial Temperature Ranges
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
102
101
100
99
98
97
96
95
94
93
92
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
70
69
68
67
66
65
91
71
NC
NC
NC
NC
A9R
A8R
A7R
A6R
A5R
A4R
A3R
A2R
A1R
A0R
NC
CNTENR
CLKR
ADSR
VSS
VDD
NC
A0L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
A9L
NC
NC
NC
NC
I/O12L
I/O11L
VDD
NC
I/O10L
I/O9L
I/O8L
VDD
I/O7L
I/O6L
I/O5L
I/O4L
VSS
I/O3L
I/O2L
VSS
I/O1L
I/O0L
VDD
VSS
I/O0R
I/O2R
I/O1R
VSS
I/O4R
I/O5R
I/O6R
VDD
I/O7R
I/O8R
I/O9R
I/O10R
NC
VSS
I/O11R
I/O12R
VDD
I/O3R
70V9389PRF
PK128(4)
128-Pin TQFP
Top View(5)
4856 drw 02
CNTENL
CLKL
ADSL
02/25/14
Description:
The IDT70V9389/289 is a high-speed 64K x 18 (64K x 16) bit
synchronous Dual-Port RAM. The memory array utilizes Dual-Port
memorycellstoallowsimultaneousaccessofanyaddressfrombothports.
Registersoncontrol,data,andaddressinputsprovideminimalsetupand
holdtimes.Thetiminglatitudeprovidedbythisapproachallowssystems
to be designed with very short cycle times.
Pin Configuration(1,2,3)
NOTES:
1. All VDD pins must be connected to power supply.
2. All VSS pins must be connected to ground.
3. Package body is approximately 14mm x 20mm x 1.4mm.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
With an input data register, the IDT70V9389/289 has been
optimized for applications having unidirectional or bidirectional data
flow in bursts. An automatic power down feature, controlled by CE0
and CE1, permits the on-chip circuitry of each port to enter a very low
standby power mode. Fabricated using CMOS high-performance
technology, these devices typically operate on only 500mW of
power.


Similar Part No. - 70V9289L7PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V9289L7PFG8 IDT-70V9289L7PFG8 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V9289L7PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9389 IDT-IDT70V9389 Datasheet
327Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9289L RENESAS-70V9289L Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com