Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V3399S133PRFG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V3399S133PRFG
Description  HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3399S133PRFG Datasheet(HTML) 3 Page - Integrated Device Technology

  70V3399S133PRFG Datasheet HTML 1Page - Integrated Device Technology 70V3399S133PRFG Datasheet HTML 2Page - Integrated Device Technology 70V3399S133PRFG Datasheet HTML 3Page - Integrated Device Technology 70V3399S133PRFG Datasheet HTML 4Page - Integrated Device Technology 70V3399S133PRFG Datasheet HTML 5Page - Integrated Device Technology 70V3399S133PRFG Datasheet HTML 6Page - Integrated Device Technology 70V3399S133PRFG Datasheet HTML 7Page - Integrated Device Technology 70V3399S133PRFG Datasheet HTML 8Page - Integrated Device Technology 70V3399S133PRFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
6.42
IDT70V3319/99S
High-Speed 3.3V 256/128K x 18 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
3
Pin Configuration(1,2,3,4,5) (con't.)
NOTES:
1. A17 is a NC for IDT70V3399.
2. All VDD pins must be connected to 3.3V power supply.
3. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is
set to VIL (0V).
4. All VSS pins must be connected to ground supply.
5. Package body is approximately 17mm x 17mm x 1.4mm, with 1.0mm ball-pitch.
6. This package code is used to reference the package diagram.
7. This text does not indicate orientation of the actual part-marking.
70V3319/99BC
BC-256(6)
256-Pin BGA
Top View(7)
E16
I/O7R
D16
I/O8R
C16
I/O8L
B16
NC
A16
NC
A15
NC
B15
NC
C15
NC
D15
NC
E15
I/O7L
E14
NC
D14
NC
D13
VDD
C12
A6L
C14
OPTL
B14
VDD
A14
A0L
A12
A5L
B12
A4L
C11
ADSL
D12
VDDQR
D11
VDDQR
C10
CLKL
B11
REPEATL
A11
CNTENL
D8
VDDQR
C8
NC
A9
CE1L
D9
VDDQL
C9
LBL
B9
CE0L
D10
VDDQL
C7
A7L
B8
UBL
A8
NC
B13
A1L
A13
A2L
A10
OEL
D7
VDDQR
B7
A9L
A7
A8L
B6
A12L
C6
A10L
D6
VDDQL
A5
A14L
B5
A15L
C5
A13L
D5
VDDQL
A4
B4
NC
C4
A16L
D4
PIPE/
FTL
A3
NC
B3
TDO
C3
VSS
D3
NC
D2
I/O9R
C2
I/O9L
B2
NC
A2
TDI
A1
NC
B1
NC
C1
NC
D1
NC
E1
I/O10R
E2
I/O10L
E3
NC
E4
VDDQL
F1
I/O11L
F2
NC
F4
VDDQL
G1
NC
G2
NC
G3
I/O12L
G4
VDDQR
H1
NC
H2
I/O12R
H3
NC
H4
VDDQR
J1
I/O13L
J2
I/O14R
J3
I/O13R
J4
VDDQL
K1
NC
K2
NC
K3
I/O14L
K4
VDDQL
L1
I/O15L
L2
NC
L3
I/O15R
L4
VDDQR
M1
I/O16R
M2
I/O16L
M3
NC
M4
VDDQR
N1
NC
N2
I/O17R
N3
NC
N4
PIPE/
FTR
P1
NC
P2
I/O17L
P3
TMS
P4
A16R
R1
NC
R2
NC
R3
TRST
R4
NC
T1
NC
T2
TCK
T3
NC
T4
A17R(1)
P5
A13R
R5
A15R
P12
A6R
P8
NC
P9
LBR
R8
UBR
T8
NC
P10
CLKR
T11
CNTENR
P11
ADSR
R12
A4R
T12
A5R
P13
A3R
P7
A7R
R13
A1R
T13
A2R
R6
A12R
T5
A14R
T14
A0R
R14
OPTR
P14
NC
P15
NC
R15
NC
T15
NC
T16
NC
R16
NC
P16
I/O0L
N16
NC
N15
I/O0R
N14
NC
M16
NC
M15
I/O1L
M14
I/O1R
L16
I/O2R
L15
NC
L14
I/O2L
K16
I/O3L
K15
NC
K14
NC
J16
I/O4L
J15
I/O3R
J14
I/O4R
H16
I/O5R
H15
NC
H14
NC
G16
NC
G15
NC
G14
I/O5L
F16
I/O6L
F14
I/O6R
F15
NC
R9
CE0R
R11
REPEATR
T6
A11R
T9
CE1R
A6
A11L
B10
R/
WL
C13
A3L
P6
A10R
R10
R/
WR
R7
A9R
T10
OER
T7
A8R
,
E5
VDD
E6
VDD
E7
VSS
E8
VSS
E9
VSS
E10
VSS
E11
VDD
E12
VDD
E13
VDDQR
F5
VDD
F6
VSS
F8
VSS
F9
VSS
F10
VSS
F12
VDD
F13
VDDQR
G5
VSS
G6
VSS
G7
VSS
G8
VSS
G9
VSS
G10
VSS
G11
VSS
G12
VSS
G13
VDDQL
H5
VSS
H6
VSS
H7
VSS
H8
VSS
H9
VSS
H10
VSS
H11
VSS
H12
VSS
H13
VDDQL
J5
VSS
J6
VSS
J7
VSS
J8
VSS
J9
VSS
J10
VSS
J11
VSS
J12
VSS
J13
VDDQR
K5
VSS
K6
VSS
K7
VSS
K8
VSS
L5
VDD
L6
VSS
L7
VSS
L8
VSS
M5
VDD
M6
VDD
M7
VSS
M8
VSS
N5
VDDQR
N6
VDDQR
N7
VDDQL
N8
VDDQL
K9
VSS
K10
VSS
K11
VSS
K12
VSS
L9
VSS
L10
VSS
L11
VSS
L12
VDD
M9
VSS
M10
VSS
M11
VDD
M12
VDD
N9
VDDQR
N10
VDDQR
N11
VDDQL
N12
VDDQL
K13
VDDQR
L13
VDDQL
M13
VDDQL
N13
VDD
F7
VSS
F11
VSS
5623 drw 02d
,
F3
I/O11R
08/01/02
A17L(1)


Similar Part No. - 70V3399S133PRFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3399S133PRFG IDT-70V3399S133PRFG Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70V3399S133PRFG8 IDT-70V3399S133PRFG8 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70V3399S133PRFGI IDT-70V3399S133PRFGI Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70V3399S133PRFGI8 IDT-70V3399S133PRFGI8 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70V3399S133PRFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V3319 RENESAS-70V3319 Datasheet
544Kb / 24P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V3319 IDT-IDT70V3319 Datasheet
348Kb / 23P
   HIGH-SPEED 3.3V 256/128K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V639 RENESAS-70V639 Datasheet
489Kb / 25P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
JUNE 2018
logo
Integrated Device Techn...
IDT70V639S IDT-IDT70V639S Datasheet
187Kb / 23P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70T3339 RENESAS-70T3339 Datasheet
628Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3399 IDT-IDT70T3399 Datasheet
485Kb / 28P
   HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com