Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9289L12PFG8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70V9289L12PFG8
Description  HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9289L12PFG8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70V9289L12PFG8 Datasheet HTML 6Page - Integrated Device Technology 70V9289L12PFG8 Datasheet HTML 7Page - Integrated Device Technology 70V9289L12PFG8 Datasheet HTML 8Page - Integrated Device Technology 70V9289L12PFG8 Datasheet HTML 9Page - Integrated Device Technology 70V9289L12PFG8 Datasheet HTML 10Page - Integrated Device Technology 70V9289L12PFG8 Datasheet HTML 11Page - Integrated Device Technology 70V9289L12PFG8 Datasheet HTML 12Page - Integrated Device Technology 70V9289L12PFG8 Datasheet HTML 13Page - Integrated Device Technology 70V9289L12PFG8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
6.42
10
IDT70V9389/289L
High-Speed 3.3V 64K x18/x16 Dual-Port Synchronous Pipelined Static RAM
Industrial & Commercial Temperature Ranges
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3) (VDD = 3.3V ± 0.3V)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device characteriza-
tion, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) apply to either or both the Left and Right ports when FT/PIPE = VIH. Flow-through parameters (tCYC1, tCD1) apply
when FT/PIPE = VIL for that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE), FT/PIPER, and FT/PIPEL.
70V9389/289L7
Com'l Only
70V9389/289L9
Com'l & Ind
70V9389/289L12
Com'l Only
Symbol
Parameter
Min.Max.Min.Max.Min.
Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)(2)
22
____
25
____
30
____
ns
tCYC2
Clock Cycle Time (Pipelined)(2)
12
____
15
____
20
____
ns
tCH1
Clock High Time (Flow-Through)(2)
7.5
____
12
____
12
____
ns
tCL1
Clock Low Time (Flow-Through)(2)
7.5
____
12
____
12
____
ns
tCH2
Clock High Time (Pipelined)(2)
5
____
6
____
8
____
ns
tCL2
Clock Low Time (Pipelined)(2)
5
____
6
____
8
____
ns
tR
Clock Rise Time
____
3
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3
____
3ns
tSA
Address Setup Time
4
____
4
____
4
____
ns
tHA
Address Hold Time
0
____
1
____
1
____
ns
tSC
Chip Enable Setup Time
4
____
4
____
4
____
ns
tHC
Chip Enable Hold Time
0
____
1
____
1
____
ns
tSB
Byte Enable Setup Time
4
____
4
____
4
____
ns
tHB
Byte Enable Hold Time
0
____
1
____
1
____
ns
tSW
R/W Setup Time
4
____
4
____
4
____
ns
tHW
R/W Hold Time
0
____
1
____
1
____
ns
tSD
Input Data Setup Time
4
____
4
____
4
____
ns
tHD
Input Data Hold Time
0
____
1
____
1
____
ns
tSAD
ADS Setup Time
4
____
4
____
4
____
ns
tHAD
ADS Hold Time
0
____
1
____
1
____
ns
tSCN
CNTEN Setup Time
4
____
4
____
4
____
ns
tHCN
CNTEN Hold Time
0
____
1
____
1
____
ns
tSRST
CNTRST Setup Time
4
____
4
____
4
____
ns
tHRST
CNTRST Hold Time
0
____
1
____
1
____
ns
tOE
Output Enable to Data Valid
____
7.5
____
9
____
12
ns
tOLZ
Output Enable to Output Low-Z(1)
2
____
2
____
2
____
ns
tOHZ
Output Enable to Output High-Z(1)
17
17
17
ns
tCD1
Clock to Data Valid (Flow-Through)(2)
____
18
____
20
____
25
ns
tCD2
Clock to Data Valid (Pipelined)(2)
____
7.5
____
9
____
12
ns
tDC
Data Output Hold After Clock High
2
____
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z(1)
2
92929
ns
tCKLZ
Clock High to Output Low-Z(1)
2
____
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock High to Read Data Delay
____
28
____
35
____
40
ns
tCCS
Clock-to-Clock Setup Time
____
10
____
15
____
15
ns
4856 tbl 11a


Similar Part No. - 70V9289L12PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V9289L12PFG8 IDT-70V9289L12PFG8 Datasheet
251Kb / 19P
   SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V9289L12PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9389 IDT-IDT70V9389 Datasheet
327Kb / 19P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9289L RENESAS-70V9289L Datasheet
394Kb / 20P
   HIGH-SPEED 3.3V 64K x18/x16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
MARCH 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9199 IDT-IDT70V9199_18 Datasheet
203Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_18 Datasheet
211Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_18 Datasheet
208Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9179L IDT-IDT70V9179L Datasheet
204Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3389S IDT-IDT70V3389S_18 Datasheet
196Kb / 17P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9169 IDT-IDT70V9169 Datasheet
205Kb / 16P
   HIGH-SPEED 3.3V SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com