Electronic Components Datasheet Search |
|
C320C153F1G5TA7301 Datasheet(PDF) 9 Page - Kemet Corporation |
|
C320C153F1G5TA7301 Datasheet(HTML) 9 Page - Kemet Corporation |
9 / 19 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1049_GOLDMAX_C0G • 11/11/2016 9 Radial Leaded Multilayer Ceramic Capacitors Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 50 – 200 VDC (Commercial Grade) Table 1C – C32X Style/Size, Capacitance Range Waterfall TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No. 7670981. C321, C324, C325, C327 Style/Size (0.100" and 0.200" Lead Spacing) Rated Voltage (VDC) 50 100 200 200 250 Voltage Code 5 1 2 2 A Capacitance Capacitance Tolerance Capacitance Code (Available Capacitance) 1pF B = ±0.1pF C = ±0.25pF D = ±0.5pF 109 109 109 109 109 1.1pF 119 119 119 119 119 1.2pF 129 129 129 129 129 1.3pF 139 139 139 139 139 1.5pF 159 159 159 159 159 1.6pF 169 169 169 169 169 1.8pF 189 189 189 189 189 2.0pF 209 209 209 209 209 2.2pF 229 229 229 229 229 2.4pF 249 249 249 249 249 2.7pF 279 279 279 279 279 3.0pF 309 309 309 309 309 3.3pF 339 339 339 339 339 3.6pF 369 369 369 369 369 3.9pF 399 399 399 399 399 4.3pF 439 439 439 439 439 4.7pF 479 479 479 479 479 5.1pF 519 519 519 519 519 5.6pF 569 569 569 569 569 6.2pF 629 629 629 629 629 6.8pF 689 689 689 689 689 7.5pF 759 759 759 759 759 8.2pF 829 829 829 829 829 9.1pF 919 919 919 919 919 10pF F = ±1% G = ±2% J = ±5% K = ±10% 100 100 100 100 100 11pF 110 110 110 110 110 12pF 120 120 120 120 120 13pF 130 130 130 130 130 15pF 150 150 150 150 150 16pF 160 160 160 160 160 18pF 180 180 180 180 180 20pF 200 200 200 200 200 22pF 220 220 220 220 220 24pF 240 240 240 240 240 27pF 270 270 270 270 270 30pF 300 300 300 300 300 33pF 330 330 330 330 330 36pF 360 360 360 360 360 39pF 390 390 390 390 390 43pF 430 430 430 430 430 47pF 470 470 470 470 470 51pF 510 510 510 510 510 56pF 560 560 560 560 560 62pF 620 620 620 620 620 68pF 680 680 680 680 680 75pF 750 750 750 750 750 82pF 820 820 820 820 820 91pF 910 910 910 910 910 100pF 101 101 101 101 101 110pF 111 111 111 111 111 120pF 121 121 121 121 121 130pF 131 131 131 131 131 150pF 151 151 151 151 151 160pF 161 161 161 161 161 180pF 181 181 181 181 181 200pF 201 201 201 201 201 Rated Voltage (VDC) 50 100 200 200 250 Voltage Code 5 1 2 2 A |
Similar Part No. - C320C153F1G5TA7301 |
|
Similar Description - C320C153F1G5TA7301 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |