Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3599S200BCGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 70T3599S200BCGI
Description  HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3599S200BCGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 70T3599S200BCGI Datasheet HTML 2Page - Integrated Device Technology 70T3599S200BCGI Datasheet HTML 3Page - Integrated Device Technology 70T3599S200BCGI Datasheet HTML 4Page - Integrated Device Technology 70T3599S200BCGI Datasheet HTML 5Page - Integrated Device Technology 70T3599S200BCGI Datasheet HTML 6Page - Integrated Device Technology 70T3599S200BCGI Datasheet HTML 7Page - Integrated Device Technology 70T3599S200BCGI Datasheet HTML 8Page - Integrated Device Technology 70T3599S200BCGI Datasheet HTML 9Page - Integrated Device Technology 70T3599S200BCGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6.42
IDT70T3519/99/89S
High-Speed 2.5V 256/128/64K x 36 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
6
Pin Names
Left Port
Right Port
Names
CE0L,
CE1L
CE0R,
CE1R
Chip Enables (Input)(7)
R/WL
R/WR
Read/Write Enable (Input)
OEL
OER
Output Enable (Input)
A0L - A17L(6)
A0R - A17R(6)
Address (Input)
I/O0L - I/O35L
I/O0R - I/O35R
Data Input/Output
CLKL
CLKR
Clock (Input)
PL/FTL
PL/FTR
Pipeline/Flow-Through (Input)
ADSL
ADSR
Address Strobe Enable (Input)
CNTENL
CNTENR
Counter Enable (Input)
REPEATL
REPEATR
Counter Repeat(3)
BE0L
- BE3L
BE0R
- BE3R
Byte Enables (9-bit bytes) (Input)(7)
VDDQL
VDDQR
Power (I/O Bus) (3.3V or 2.5V)(1) (Input)
OPTL
OPTR
Option for selecting VDDQX(1,2) (Input)
ZZL
ZZR
Sleep Mode pin(4) (Input)
VDD
Power (2.5V)(1) (Input)
VSS
Ground (0V) (Input)
TDI(5)
Test Data Input
TDO(5)
Test Data Output
TCK(5)
Test Logic Clock (10MHz) (Input)
TMS(5)
Test Mode Select (Input)
TRST(5)
Reset (Initialize TAP Controller) (Input)
INTL
INTR
Interrupt Flag (Output)
COLL
COLR
Collision Alert (Output)
5666 tbl 01
NOTES:
1. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to
applying inputs on the I/Os and controls for that port.
2. OPTX selects the operating voltage levels for the I/Os and controls on that port.
If OPTX is set to VDD (2.5V), then that port's I/Os and controls will operate at 3.3V
levels and VDDQX must be supplied at 3.3V. If OPTX is set to VSS (0V), then that
port's I/Os and address controls will operate at 2.5V levels and VDDQX must be
supplied at 2.5V. The OPT pins are independent of one another—both ports can
operate at 3.3V levels, both can operate at 2.5V levels, or either can operate
at 3.3V with the other at 2.5V.
3. When REPEATX is asserted, the counter will reset to the last valid address loaded
via ADSX.
4. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when
asserted. All static inputs, i.e., PL/FTx and OPTx and the sleep mode pins
themselves (ZZx) are not affected during sleep mode. It is recommended that
boundry scan not be operated during sleep mode.
5. Due to limited pin count, JTAG is not supported in the DR208 package.
6. Address A17x is a NC for the IDT70T3599. Also, Addresses A17x and A16x are
NC's for the IDT 70T3589.
7. Chip Enables and Byte Enables are double buffered when PL/FT = VIH, i.e., the
signals take two cycles to deselect.


Similar Part No. - 70T3599S200BCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3599S200BCGI IDT-70T3599S200BCGI Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3599S200BCGI8 IDT-70T3599S200BCGI8 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3599S200BCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
logo
Integrated Device Techn...
IDT70V3599 IDT-IDT70V3599 Datasheet
356Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com