Electronic Components Datasheet Search |
|
70T3399S166BFG Datasheet(PDF) 9 Page - Integrated Device Technology |
|
70T3399S166BFG Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 27 page 6.42 IDT70T3339/19/99S High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM Industrial and Commercial Temperature Ranges 9 DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range (3)(VDD = 2.5V ± 100mV) 70T3339/19/99 S200 Com'l Only(8) 70T3339/19/99 S166 Com'l & Ind(7) 70T3339/19/99 S133 Com'l & Ind Symbol Parameter Test Condition Version Typ.(4) Max. Typ.(4) Max. Typ.(4) Max. Unit IDD Dynamic Operating Current (Both Ports Active) CEL and CER= VIL, Outputs Disabled, f = fMAX(1) COM'L S 375 525 320 450 260 370 mA IND S ___ ___ 320 510 260 450 ISB1(6) Standby Current (Both Ports - TTL Level Inputs) CEL = CER = VIH f = fMAX(1) COM'L S 205 270 175 230 140 190 mA IND S ___ ___ 175 275 140 235 ISB2(6) Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(5) Active Port Outputs Disabled, f=fMAX(1) COM'L S 300 375 250 325 200 250 mA IND S ___ ___ 250 365 200 310 ISB3 Full Standby Current (Both Ports - CMOS Level Inputs) Both Ports CEL and CER > VDDQ - 0.2V, VIN > VDDQ - 0.2V or VIN < 0.2V, f = 0(2) COM'L S 5 15 5 15 5 15 mA IND S ___ ___ 520520 ISB4(6) Full Standby Current (One Port - CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VDDQ - 0.2V(5) VIN > VDDQ - 0.2V or VIN < 0.2V Active Port, Outputs Disabled, f = fMAX(1) COM'L S 300 375 250 325 200 250 mA IND S ___ ___ 250 365 200 310 Izz Sleep Mode Current (Both Ports - TTL Level Inputs) ZZL = ZZR = VIH f=fMAX(1) COM'L S 5 15 5 15 5 15 mA IND S ___ ___ 520520 5652 tbl 09 NOTES: 1. At f = fMAX, address and control lines (except Output Enable) are cycling at the maximum frequency clock cycle of 1/tCYC, using "AC TEST CONDITIONS". 2. f = 0 means no address, clock, or control lines change. Applies only to input at CMOS level standby. 3. Port "A" may be either left or right port. Port "B" is the opposite from port "A". 4. VDD = 2.5V, TA = 25°C for Typ, and are not production tested. IDD DC(f=0) = 15mA (Typ). 5. CEX = VIL means CE0X = VIL and CE1X = VIH CEX = VIH means CE0X = VIH or CE1X = VIL CEX < 0.2V means CE0X < 0.2V and CE1X > VDDQ - 0.2V CEX > VDDQ - 0.2V means CE0X > VDDQ - 0.2V or CE1X - 0.2V "X" represents "L" for left port or "R" for right port. 6. ISB1, ISB2 and ISB4 will all reach full standby levels (ISB3) on the appropriate port(s) if ZZL and/or ZZR = VIH. 7. 166MHz I-Temp is not available in the BF-208 package. 8. 200Mhz is not available in the BF-208 package. |
Similar Part No. - 70T3399S166BFG |
|
Similar Description - 70T3399S166BFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |