Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3399S200BFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70T3399S200BFG
Description  HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3399S200BFG Datasheet(HTML) 4 Page - Integrated Device Technology

  70T3399S200BFG Datasheet HTML 1Page - Integrated Device Technology 70T3399S200BFG Datasheet HTML 2Page - Integrated Device Technology 70T3399S200BFG Datasheet HTML 3Page - Integrated Device Technology 70T3399S200BFG Datasheet HTML 4Page - Integrated Device Technology 70T3399S200BFG Datasheet HTML 5Page - Integrated Device Technology 70T3399S200BFG Datasheet HTML 6Page - Integrated Device Technology 70T3399S200BFG Datasheet HTML 7Page - Integrated Device Technology 70T3399S200BFG Datasheet HTML 8Page - Integrated Device Technology 70T3399S200BFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
6.42
IDT70T3339/19/99S
High-Speed 2.5V 512/256/128K x 18 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Pin Configurations(con't)(3,4,5,6,9)
17
16
15
14
12
13
10
9
8
7
6
5
4
3
2
1
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O9L
INTL
VSS
TDO
A2L
A4L
CLKL
A8L
A12L
A16L
NC
OPT L
NC
VSS
COLL
TDI
A1L
A5L
A9L
A13L
A17L(2)
VDDQL
I/O9R
VDDQR PIPE/
FTL
A3L
A6L
NC
A10L
A14L
A18L(1)
NC
NC
VSS
I/O10L
NC
NC
I/O11L
NC
VDDQR I/O10R
NC
I/O11R
NC
VSS
VDD
NC
I/O12L
VDD
VSS
NC
VSS
I/O12R
REPEATR
NC
I/O14L
VDDQR
VDDQL
I/O15R
NC
VSS
NC
NC
A15L
A11L
A7L
A0L
NC
I/O7L
NC
I/O6L
I/O8R
UBL
NC
I/O8L
VDDQL
CE0L
CE1L
LBL
REPEATL
OEL
I/O0L
I/O2L
I/O1R
ADSR
R/
WR
NC
I/O16R
I/O15L
TRST
A13R
A12R
NC
VDD
CLKR
I/O0R
NC
NC
NC
NC
A17R(2)
TCK
TMS
A5R
A9R
CE0R
CE1R
VDD
VSS
NC
NC
NC
A16R
NC
A18R(1)
A14R
A10R
UBR
VSS
VDDQL
I/O1L
I/O2R
NC
INTR
NC
A15R
A11R
A7R
LBR
OER
VSS
NC
VDDQL
OPT R
NC
70T3339/19/99BF
BF-208(7)
208-Pin fpBGA
Top View(8)
5652 drw 02c
I/O14R
VDDQL
VSS
VDDQR
NC
COLR
NC
NC
I/O7R
NC
R/
WL
NC
ADSL
VDDQL
I/O13R
CNTEN L
ZZR
I/O13L
VSS
I/O16L
VDDQR
VSS
I/O17R
I/O17L
VDDQL
VSS
PIPE/
FTR
A8R
CNTEN R
A6R
A3R
A1R
A2R
A0R
I/O3L
I/O4L
A4R
VDD
VSS
VSS
VDDQR
VDDQL
VSS
VDDQR
VSS
I/O3R
I/O4R
VSS
VDDQR
VSS
VDD
VDD
VSS
I/O5R
I/O5L
VDDQR
I/O6R
VSS
VSS
VDDQL
VDD
VSS
VDDQR
VSS
VDD
VDD
VSS
VDD
VSS
NC
ZZL
NC
VSS
NOTES:
3. All VDD pins must be connected to 2.5V power supply.
4. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (2.5V), and 2.5V if OPT pin for that port is
set to VSS (0V).
5. All VSS pins must be connected to ground supply.
6. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch.
7. This package code is used to reference the package diagram.
8. This text does not indicate orientation of the actual part-marking.
9. Pins B14 and R14 will be VREFL and VREFR respectively for future HSTL device.
1. Pin is a NC for IDT70T3319 and IDT70T3399.
2. Pin is a NC for IDT70T3399.


Similar Part No. - 70T3399S200BFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3399S200BFG IDT-70T3399S200BFG Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3399S200BFG8 IDT-70T3399S200BFG8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3399S200BFGI IDT-70T3399S200BFGI Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3399S200BFGI8 IDT-70T3399S200BFGI8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3399S200BFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M_14 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_18 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com