Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

615006138521 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 615006138521
Description  VERTICAL PLASTIC 6P6C MODULAR JACK WITH EARS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

615006138521 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  615006138521 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 615006138521 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
H
19-AUG-13
DIM CORRECTION
QL
APPROVAL: RJ
UNIT: MM
DESCRIPTION: VERTICAL PLASTIC 6P6C MODULAR JACK WITH EARS
SCALE:
SHEET: 1/1
WERI PART NO: 615 006 138 521
DRAW:
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR MATERIAL: PBT
COLOR: BLACK
FLAMMABILITY RATING: UL94-V0
CONTACT MATERIAL: COPPER
ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 500 MATING CYCLES
ENVIRONMENTAL
OPERATING TEMPERATURE: –25 °C UP TO 85 °C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT
RATING: 1.5 A
WORKING VOLTAGE: 120 VAC
INSULATION RESISTANCE: >500 M
DIELECTRIC WITHSTANDING VOLTAGE: 1 000 VAC/MIN
CONTACT RESISTANCE: 20 m
Ω MAX
STANDARD
CERTIFIED: E324776
SOLDERING
JEDEC LEAD FREE WAVE SOLDERING PROCESS
PACKAGING
TRAY
TOLERANCES
I
03-JAN-1
TPK DWG ADD
QL
PCB LAYOUT - COMPONENT VIEW
J
28-JUL-14
GENERAL UPDATE
AS


Similar Part No. - 615006138521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
615006138421 WURTH-615006138421 Datasheet
688Kb / 7P
   WR-MJ Modular Jack Tab Up
001.001
More results

Similar Description - 615006138521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
615006144121 WURTH-615006144121 Datasheet
455Kb / 2P
   VERTICAL PLASTIC 6P6C MODULAR JACK
634106149621 WURTH-634106149621 Datasheet
501Kb / 3P
   VERTICAL PLASTIC MODULAR JACK SMT 6P6C TOP ENTRY
615004144121 WURTH-615004144121 Datasheet
506Kb / 2P
   VERTICAL PLASTIC 6P4C MODULAR JACK WITH EARS
615008144221 WURTH-615008144221 Datasheet
676Kb / 2P
   VERTICAL PLASTIC 8P8C MODULAR JACK WITH EARS
logo
Assmann Electronics Inc...
A-2004-1-4-N-R ASSMANN-A-2004-1-4-N-R Datasheet
278Kb / 1P
   MODULAR JACK, 6P6C
A-2004-1-4-R ASSMANN-A-2004-1-4-R Datasheet
225Kb / 1P
   MODULAR JACK, 6P6C
logo
Wurth Elektronik GmbH &...
615012149421 WURTH-615012149421 Datasheet
461Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
6150XX149421 WURTH-6150XX149421 Datasheet
668Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
615024149421 WURTH-615024149421 Datasheet
461Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
A 23-JUL-14
615006149421L WURTH-615006149421L Datasheet
668Kb / 3P
   HORIZONTAL PLASTIC 6P6C ASSEMBLY MODULAR JACK TAB UP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com