Electronic Components Datasheet Search |
|
70V9079S6PFG Datasheet(PDF) 8 Page - Integrated Device Technology |
|
70V9079S6PFG Datasheet(HTML) 8 Page - Integrated Device Technology |
8 / 19 page 6.42 IDT70V9089/79S/L High Speed 3.3V 64/32K x 8 Synchronous Dual-Port Static RAM Industrial and Commercial Temperature Ranges 8 NOTES: 1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device characterization, but is not production tested. 2. The Pipelined output parameters (tCYC2, tCD2) apply to either or both left and right ports when FT/PIPE = VIH. Flow-through parameters (tCYC1, tCD1) apply when FT /PIPE = VIL for that port. 3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE) and FT/PIPE. FT/PIPE should be treated as a DC signal, i.e. steady state during operation. 4. 'X' in part number indicates power rating (S or L). AC Electrical Characteristics Over the Operating Temperature Range (Read and Write Cycle Timing)(3,4) (VDD = 3.3V ± 0.3, TA = 0°C to +70°C) 70V9089/79X6 Com'l Only 70V9089/79X7 Com'l Only 70V9089/79X9 Com'l Only Symbol Parameter Min. Max.Min. Max.Min.Max. Unit tCYC1 Clock Cycle Time (Flow-Through)(2) 19 ____ 22 ____ 25 ____ ns tCYC2 Clock Cycle Time (Pipelined)(2) 10 ____ 12 ____ 15 ____ ns tCH1 Clock High Time (Flow-Through)(2) 6.5 ____ 7.5 ____ 12 ____ ns tCL1 Clock Low Time (Flow-Through)(2) 6.5 ____ 7.5 ____ 12 ____ ns tCH2 Clock High Time (Pipelined)(2) 4 ____ 5 ____ 6 ____ ns tCL2 Clock Low Time (Pipelined)(2) 4 ____ 5 ____ 6 ____ ns tR Clock Rise Time ____ 3 ____ 3 ____ 3ns tF Clock Fall Time ____ 3 ____ 3 ____ 3ns tSA Address Setup Time 3.5 ____ 4 ____ 4 ____ ns tHA Address Hold Time 0 ____ 0 ____ 1 ____ ns tSC Chip Enable Setup Time 3.5 ____ 4 ____ 4 ____ ns tHC Chip Enable Hold Time 0 ____ 0 ____ 1 ____ ns tSW R/W Setup Time 3.5 ____ 4 ____ 4 ____ ns tHW R/W Hold Time 0 ____ 0 ____ 1 ____ ns tSD Input Data Setup Time 3.5 ____ 4 ____ 4 ____ ns tHD Input Data Hold Time 0 ____ 0 ____ 1 ____ ns tSAD ADS Setup Time 3.5 ____ 4 ____ 4 ____ ns tHAD ADS Hold Time 0 ____ 0 ____ 1 ____ ns tSCN CNTEN Setup Time 3.5 ____ 4 ____ 4 ____ ns tHCN CNTEN Hold Time 0 ____ 0 ____ 1 ____ ns tSRST CNTRST Setup Time 3.5 ____ 4 ____ 4 ____ ns tHRST CNTRST Hold Time 0 ____ 0 ____ 1 ____ ns tOE Output Enable to Data Valid ____ 6.5 ____ 7.5 ____ 9ns tOLZ Output Enable to Output Low-Z(1) 2 ____ 2 ____ 2 ____ ns tOHZ Output Enable to Output High-Z(1) 17 1 7 17 ns tCD1 Clock to Data Valid (Flow-Through)(2) ____ 15 ____ 18 ____ 20 ns tCD2 Clock to Data Valid (Pipelined)(2) ____ 6.5 ____ 7.5 ____ 9ns tDC Data Output Hold After Clock High 2 ____ 2 ____ 2 ____ ns tCKHZ Clock High to Output High-Z(1) 2929 29 ns tCKLZ Clock High to Output Low-Z(1) 2 ____ 2 ____ 2 ____ ns Port-to-Port Delay tCWDD Write Port Clock High to Read Data Delay ____ 24 ____ 28 ____ 35 ns tCCS Clock-to-Clock Setup Time ____ 9 ____ 10 ____ 15 ns 3750 tbl 11a |
Similar Part No. - 70V9079S6PFG |
|
Similar Description - 70V9079S6PFG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |