Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V9079L9PFG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70V9079L9PFG
Description  HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V9079L9PFG Datasheet(HTML) 3 Page - Integrated Device Technology

  70V9079L9PFG Datasheet HTML 1Page - Integrated Device Technology 70V9079L9PFG Datasheet HTML 2Page - Integrated Device Technology 70V9079L9PFG Datasheet HTML 3Page - Integrated Device Technology 70V9079L9PFG Datasheet HTML 4Page - Integrated Device Technology 70V9079L9PFG Datasheet HTML 5Page - Integrated Device Technology 70V9079L9PFG Datasheet HTML 6Page - Integrated Device Technology 70V9079L9PFG Datasheet HTML 7Page - Integrated Device Technology 70V9079L9PFG Datasheet HTML 8Page - Integrated Device Technology 70V9079L9PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
6.42
IDT70V9089/79S/L
High Speed 3.3V 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
3
Pin Names
Truth Table II—Address Counter Control(1,2,3)
Truth Table I—Read/Write and
Enable Control(1,2,3)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. ADS, CNTEN, CNTRST = X.
3. OE is an asynchronous input signal.
Left Port
Right Port
Names
CE0L
, CE1L
CE0R
, CE1R
Chip Enables
R/WL
R/WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A15L(1)
A0R - A15R(1)
Address
I/O0L - I/O7L
I/O0R - I/O7R
Data Input/Output
CLKL
CLKR
Clock
ADSL
ADSR
Address Strobe
CNTENL
CNTENR
Counter Enable
CNTRSTL
CNTRSTR
Counter Reset
FT
/PIPEL
FT
/PIPER
Flow-Through/Pipeline
VDD
Power (3.3V)
VSS
Ground (0V)
3750 tbl 01
OE
CLK
CE0
CE1
R/
W
I/O0-7
Mode
X
H
X
X
High-Z
Deselected - Power Down
X
X
L
X
High-Z
Deselected - Power Down
X
LH
L
DATAIN
Write
L
LH
H
DATAOUT Read
H
X
L
H
X
High-Z
Outputs Disabled
3750 tbl 02
External
Address
Previous
Internal
Address
Internal
Address
Used
CLK
ADS
CNTEN
CNTRST
I/O(3)
MODE
An
X
An
L(4)
XH
DI/O (n)
External Address Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counter Enabled—Internal Address generation
XAn + 1
An + 1
HH
H
DI/O(n+1)
External Address Blocked—Counter disabled (An + 1 reused)
XX
A0
XX
L(4)
DI/O(0)
Counter Reset to Address 0
3750 tbl 03
NOTE:
1. A15X is a NC for IDT70V9079.
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. CE0 and OE = VIL; CE1 and R/W = VIH.
3. Outputs configured in Flow-Through Output mode: if outputs are in Pipelined mode the data out will be delayed by one cycle.
4. ADS and CNTRST are independent of all other signals including CE0 and CE1.
5. The address counter advances if CNTEN = VIL on the rising edge of CLK, regardless of all other signals including CE0 and CE1.
2. LB and UB are single buffered regardless of state of FT/PIPE.
3. CEo and CE1 are single buffered when FT/PIPE = VIL,
CE
o and CE1 are double buffered when FT/PIPE = VIH,
i.e. the signals take two cycles to deselect.


Similar Part No. - 70V9079L9PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V9079L RENESAS-70V9079L Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
70V9079L7 RENESAS-70V9079L7 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
70V9079L7PFG RENESAS-70V9079L7PFG Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
70V9079L7PFG8 RENESAS-70V9079L7PFG8 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
More results

Similar Description - 70V9079L9PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT709089 IDT-IDT709089 Datasheet
192Kb / 17P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V07 RENESAS-70V07 Datasheet
526Kb / 20P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
JULY 2019
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S_18 Datasheet
182Kb / 19P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com