Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3589S200BCGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 70T3589S200BCGI
Description  HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3589S200BCGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 70T3589S200BCGI Datasheet HTML 5Page - Integrated Device Technology 70T3589S200BCGI Datasheet HTML 6Page - Integrated Device Technology 70T3589S200BCGI Datasheet HTML 7Page - Integrated Device Technology 70T3589S200BCGI Datasheet HTML 8Page - Integrated Device Technology 70T3589S200BCGI Datasheet HTML 9Page - Integrated Device Technology 70T3589S200BCGI Datasheet HTML 10Page - Integrated Device Technology 70T3589S200BCGI Datasheet HTML 11Page - Integrated Device Technology 70T3589S200BCGI Datasheet HTML 12Page - Integrated Device Technology 70T3589S200BCGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
6.42
IDT70T3519/99/89S
High-Speed 2.5V 256/128/64K x 36 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
9
Absolute Maximum Ratings (1)
Symbol
Rating
Commercial
& Industrial
Unit
VTERM
(VDD)
VDD Terminal Voltage
with Respect to GND
-0.5 to 3.6
V
VTERM(2)
(VDDQ)
VDDQ Terminal Voltage
with Respect to GND
-0.3 to VDDQ + 0.3
V
VTERM(2)
(INPUTS and I/O's)
Input and I/O Terminal
Voltage with Respect to GND
-0.3 to VDDQ + 0.3
V
TBIAS(3)
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-65 to +150
o
C
TJN
Junction Temperature
+150
o
C
IOUT(For VDDQ = 3.3V) DC Output Current
50
mA
IOUT(For VDDQ = 2.5V) DC Output Current
40
mA
5666 tbl 06
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
2. This is a steady-state DC parameter that applies after the power supply has reached its
nominal operating value. Power sequencing is not necessary; however, the voltage on
any Input or I/O pin cannot exceed VDDQ during power supply ramp up.
3. Ambient Temperature under DC Bias. No AC Conditions. Chip Deselected.
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch
from 0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance (1)
(TA = +25°C, F = 1.0MHZ) PQFP ONLY
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
8
pF
COUT(3)
Output Capacitance
VOUT = 3dV
10.5
pF
5666 tbl 07
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 2.5V ± 100mV)
Symbol
Parameter
Test Conditions
70T3519/99/89S
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VDDQ = Max., VIN = 0V to VDDQ
___
10
µA
|ILI|
JTAG & ZZ Input Leakage Current(1,2)
VDD = Max., VIN = 0V to VDD
___
±30
µA
|ILO|
Output Leakage Current(1,3)
CE0
= VIH or CE1 = VIL, VOUT = 0V to VDDQ
___
10
µA
VOL (3.3V)
Output Low Voltage(1)
IOL = +4mA, VDDQ = Min.
___
0.4
V
VOH (3.3V)
Output High Voltage(1)
IOH = -4mA, VDDQ = Min.
2.4
___
V
VOL (2.5V)
Output Low Voltage(1)
IOL = +2mA, VDDQ = Min.
___
0.4
V
VOH (2.5V)
Output High Voltage(1)
IOH = -2mA, VDDQ = Min.
2.0
___
V
5666 tbl 08
NOTES:
1. VDDQ is selectable (3.3V/2.5V) via OPT pins. Refer to p.5 for details.
2. Applicable only for TMS, TDI and TRST inputs.
3. Outputs tested in tri-state mode.


Similar Part No. - 70T3589S200BCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3589S200BCGI IDT-70T3589S200BCGI Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3589S200BCGI8 IDT-70T3589S200BCGI8 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3589S200BCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
logo
Integrated Device Techn...
IDT70V3599 IDT-IDT70V3599 Datasheet
356Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com