Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C318C153J1G5TA7301 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C318C153J1G5TA7301
Description  Radial Leaded Multilayer Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C318C153J1G5TA7301 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C318C153J1G5TA7301 Datasheet HTML 7Page - Kemet Corporation C318C153J1G5TA7301 Datasheet HTML 8Page - Kemet Corporation C318C153J1G5TA7301 Datasheet HTML 9Page - Kemet Corporation C318C153J1G5TA7301 Datasheet HTML 10Page - Kemet Corporation C318C153J1G5TA7301 Datasheet HTML 11Page - Kemet Corporation C318C153J1G5TA7301 Datasheet HTML 12Page - Kemet Corporation C318C153J1G5TA7301 Datasheet HTML 13Page - Kemet Corporation C318C153J1G5TA7301 Datasheet HTML 14Page - Kemet Corporation C318C153J1G5TA7301 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1049_GOLDMAX_C0G • 11/11/2016 11
Radial Leaded Multilayer Ceramic Capacitors
Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 50 – 200 VDC (Commercial Grade)
Table 1D – C33X Style/Size, Capacitance Range Waterfall
C330, C331, C333, C335, C336 Style/Size (0.200" and 0.250" Lead Spacing)
Rated Voltage (VDC)
50
100
200
250
Voltage Code
5
1
2
A
Capacitance
Capacitance
Tolerance
Capacitance Code (Available Capacitance)
470pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
471*
471*
471*
471*
510pF
511*
511*
511*
511*
560pF
561*
561*
561*
561*
620pF
621*
621*
621*
621*
680pF
681*
681*
681*
681*
750pF
751*
751*
751*
751*
820pF
821*
821*
821*
821*
910pF
911*
911*
911*
911*
1000pF
102*
102*
102*
102*
1100pF
112*
112*
112*
112*
1200pF
122*
122*
122*
122*
1300pF
132*
132*
132*
132*
1500pF
152*
152*
152*
152*
1600pF
162*
162*
162*
162*
1800pF
182*
182*
182*
182*
2000pF
202*
202*
202*
202*
2200pF
222*
222*
222*
222*
2400pF
242*
242*
242*
242*
2700pF
272*
272*
272*
272*
3000pF
302*
302*
302*
302*
3300pF
332*
332*
332*
332*
3600pF
362*
362*
362*
362*
3900pF
392*
392*
392*
392*
4300pF
432*
432*
432*
432*
4700pF
472*
472*
472*
472*
5100pF
512*
512*
512*
512*
5600pF
562*
562*
562*
562*
6200pF
622*
622*
622*
622*
6800pF
682*
682*
682*
682*
7500pF
752*
752*
752*
752*
8200pF
822*
822*
822*
822*
9100pF
912*
912*
912*
912*
0.01µF
103*
103*
103*
103*
0.012µF
123*
123*
123*
123*
0.015µF
153*
153*
153*
153*
0.018µF
183*
183*
183*
183*
0.022µF
223*
223*
223*
223*
0.027µF
273*
273*
273*
273*
0.033µF
333*
333*
333*
333*
0.039µF
393*
393*
393*
393*
0.047µF
473*
473*
473*
473*
0.056µF
563*
563*
563
563
0.068µF
683*
683*
683
683
0.082µF
823*
823*
823
823
0.100µF
104*
104*
104
104
0.120µF
124*
124
124
0.150µF
154*
154
154
0.180µF
184
184
184
0.220µF
224
224
0.270µF
274
274
0.330µF
334
334
0.390µF
394
0.470µF
474
Rated Voltage (VDC)
50
100
200
250
Voltage Code
5
1
2
A
TheseproductsareprotectedunderoneormoreofthefollowingUnitedStatesPatentsandtheirnon-UScounterparts:USPat.No.7172985;U.S.Pat.No.
7670981.
*Capacitorissuppliedwitha"Shoulder-Bend"leadconfigurationinStyle/SizeC330andC331.


Similar Part No. - C318C153J1G5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C318C153J1G5TA7301 KEMET-C318C153J1G5TA7301 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
More results

Similar Description - C318C153J1G5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C106K3R5TA7301 KEMET-C320C106K3R5TA7301 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C335C225M5U5TA7303 KEMET-C335C225M5U5TA7303 Datasheet
2Mb / 19P
   Radial Leaded Multilayer Ceramic Capacitors
C052K102K2X5CA KEMET-C052K102K2X5CA Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C102J1G5CA KEMET-C322C102J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL& RADIAL LEADED
M3901401-1323 KEMET-M3901401-1323 Datasheet
1Mb / 15P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com