Electronic Components Datasheet Search |
|
70T3589S166DRG Datasheet(PDF) 6 Page - Integrated Device Technology |
|
70T3589S166DRG Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 28 page 6.42 IDT70T3519/99/89S High-Speed 2.5V 256/128/64K x 36 Dual-Port Synchronous Static RAM Industrial and Commercial Temperature Ranges 6 Pin Names Left Port Right Port Names CE0L, CE1L CE0R, CE1R Chip Enables (Input)(7) R/WL R/WR Read/Write Enable (Input) OEL OER Output Enable (Input) A0L - A17L(6) A0R - A17R(6) Address (Input) I/O0L - I/O35L I/O0R - I/O35R Data Input/Output CLKL CLKR Clock (Input) PL/FTL PL/FTR Pipeline/Flow-Through (Input) ADSL ADSR Address Strobe Enable (Input) CNTENL CNTENR Counter Enable (Input) REPEATL REPEATR Counter Repeat(3) BE0L - BE3L BE0R - BE3R Byte Enables (9-bit bytes) (Input)(7) VDDQL VDDQR Power (I/O Bus) (3.3V or 2.5V)(1) (Input) OPTL OPTR Option for selecting VDDQX(1,2) (Input) ZZL ZZR Sleep Mode pin(4) (Input) VDD Power (2.5V)(1) (Input) VSS Ground (0V) (Input) TDI(5) Test Data Input TDO(5) Test Data Output TCK(5) Test Logic Clock (10MHz) (Input) TMS(5) Test Mode Select (Input) TRST(5) Reset (Initialize TAP Controller) (Input) INTL INTR Interrupt Flag (Output) COLL COLR Collision Alert (Output) 5666 tbl 01 NOTES: 1. VDD, OPTX, and VDDQX must be set to appropriate operating levels prior to applying inputs on the I/Os and controls for that port. 2. OPTX selects the operating voltage levels for the I/Os and controls on that port. If OPTX is set to VDD (2.5V), then that port's I/Os and controls will operate at 3.3V levels and VDDQX must be supplied at 3.3V. If OPTX is set to VSS (0V), then that port's I/Os and address controls will operate at 2.5V levels and VDDQX must be supplied at 2.5V. The OPT pins are independent of one another—both ports can operate at 3.3V levels, both can operate at 2.5V levels, or either can operate at 3.3V with the other at 2.5V. 3. When REPEATX is asserted, the counter will reset to the last valid address loaded via ADSX. 4. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. All static inputs, i.e., PL/FTx and OPTx and the sleep mode pins themselves (ZZx) are not affected during sleep mode. It is recommended that boundry scan not be operated during sleep mode. 5. Due to limited pin count, JTAG is not supported in the DR208 package. 6. Address A17x is a NC for the IDT70T3599. Also, Addresses A17x and A16x are NC's for the IDT 70T3589. 7. Chip Enables and Byte Enables are double buffered when PL/FT = VIH, i.e., the signals take two cycles to deselect. |
Similar Part No. - 70T3589S166DRG |
|
Similar Description - 70T3589S166DRG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |