Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3589S133BFG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70T3589S133BFG
Description  HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3589S133BFG Datasheet(HTML) 5 Page - Integrated Device Technology

  70T3589S133BFG Datasheet HTML 1Page - Integrated Device Technology 70T3589S133BFG Datasheet HTML 2Page - Integrated Device Technology 70T3589S133BFG Datasheet HTML 3Page - Integrated Device Technology 70T3589S133BFG Datasheet HTML 4Page - Integrated Device Technology 70T3589S133BFG Datasheet HTML 5Page - Integrated Device Technology 70T3589S133BFG Datasheet HTML 6Page - Integrated Device Technology 70T3589S133BFG Datasheet HTML 7Page - Integrated Device Technology 70T3589S133BFG Datasheet HTML 8Page - Integrated Device Technology 70T3589S133BFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
6.42
IDT70T3519/99/89S
High-Speed 2.5V 256/128/64K x 36 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
5
NOTES:
3. All VDD pins must be connected to 2.5V power supply.
4. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (2.5V), and 2.5V if OPT pin for that port is
set to VSS (0V).
5. All VSS pins must be connected to ground supply.
6. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch.
7. This package code is used to reference the package diagram.
8. Thistextdoesnotindicateorientationoftheactualpart-marking.
Pin Configuration (3,4,5,6) (con't.)
1. Pin is a NC for IDT70T3599 and IDT70T3589.
2. Pin is a NC for IDT70T3589.
A17
VSS
B17
I/O15R
C17
VSS
D17
I/O14R
E16
VSS
E17
I/O13L
D16
I/O14L
C16
I/O15L
B16
I/O16L
A16
I/O17L
A15
OPTL
B15
VDDQR
C15
I/O16R
D15
VDDQL
E15
I/O13R
E14
I/O12L
D14
I/O17R
D13
VDD
C12
A6L
C14
VDD
B14
NC
A14
A0L
A12
CNTENL
B12
A5L
C11
R/
WL
D12
A3L
D1 1
REPEATL
C10
VSS
B11
ADSL
A11
CLKL
D8
BE0L
C8
BE3L
A9
BE1L
D9
VDD
C9
CE1L
B9
CE0L
D10
OEL
C7
A10L
B8
BE2L
A8
A8L
B13
A1L
A13
A4L
A10
VDD
D7
A7L
B7
A9L
A7
A12L
B6
A13L
C6
A14L
D6
A11L
A5
COLL
B5
C5
INTL
D5
A15L
A4
TDO
B4
TDI
C4
PL/
FTL
D4
I/O20L
A3
VSS
B3
I/O18R
C3
VDDQR
D3
I/O21L
D2
VSS
C2
I/O19R
B2
VSS
A2
I/O18L
A1
I/O19L
B1
I/O20R
C1
VDDQL
D1
I/O22L
E1
I/O23L
E2
I/O22R
E3
VDDQR
E4
I/O21R
F1
VDDQL
F2
I/O23R
F3
I/O24L
F4
VSS
G1
I/O26L
G2
VSS
G3
I/O25L
G4
I/O24R
H1
VDD
H2
I/O26R
H3
VDDQR
H4
I/O25R
J1
VDDQL
J2
VDD
J3
VSS
J4
ZZR
K1
I/O28R
K2
VSS
K3
I/O27R
K4
VSS
L1
I/O29R
L2
I/O28L
L3
VDDQR
L4
I/O27L
M1
VDDQL
M2
I/O29L
M3
I/O30R
M4
VSS
N1
I/O31L
N2
VSS
N3
I/O31R
N4
I/O30L
P1
I/O32R
P2
I/O32L
P3
VDDQR
P4
I/O35R
R1
VSS
R2
I/O33L
R3
I/O34R
R4
TCK
T1
I/O33R
T2
I/O34L
T3
VDDQL
T4
TMS
U1
VSS
U2
I/O35L
U3
PL/
FTR
U4
COLR
P5
TRST
R5
U6
A11R
P12
P8
A8R
U10
OER
P9
BE1R
R8
BE2R
T8
BE3R
U9
VDD
P10
VDD
T11
R/
WR
U8
BE0R
P11
CLKR
R12
A5R
T12
A6R
U12
A3R
P13
A4R
P7
A12R
R13
A1R
T13
A2R
U13
A0R
R6
A13R
T5
INTR
U7
A7R
U14
VDD
T14
VSS
R14
NC
P14
I/O2L
P15
I/O3L
R15
VDDQL
T15
I/O0R
U15
OPTR
U16
I/O0L
U17
I/O1L
T16
VSS
T17
I/O2R
R17
VDDQR
R16
I/O1R
P17
I/O4L
P16
VSS
N17
I/O5L
N16
I/O4R
N15
VDDQL
N14
I/O3R
M17
VDDQR
M16
I/O5R
M15
I/O6L
M14
VSS
L17
I/O8L
L16
VSS
L15
I/O7L
L14
I/O6R
K17
VSS
K16
I/O8R
K15
VDDQL
K14
I/O7R
J17
VDDQR
J16
VSS
J15
VDD
J14
ZZL
H17
I/O10R
H16
VSS
H15
I/O9R
H14
VDD
G17
I/O11R
G16
I/O10L
G15
VDDQL
G14
I/O9L
F17
VDDQR
F16
I/O11L
F14
VSS
70T3519/99/89BF
BF208(7)
208-Pin fpBGA
Top View(8)
F15
I/O12R
R9
CE0R
R11
ADSR
T6
A14R
T9
CE1R
A6
B10
VSS
C13
A2L
P6
R10
VSS
R7
A9R
T10
VSS
T7
A10R
U11
REPEATR
U5
A15R
5666 drw 02c
A17R(1)
A17L(1)
A16L(2)
A16R(2)
02/03/14
CNTEN R


Similar Part No. - 70T3589S133BFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3589S133BFG IDT-70T3589S133BFG Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3589S133BFG8 IDT-70T3589S133BFG8 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3589S133BFGI IDT-70T3589S133BFGI Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3589S133BFGI8 IDT-70T3589S133BFGI8 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3589S133BFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
logo
Integrated Device Techn...
IDT70V3599 IDT-IDT70V3599 Datasheet
356Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com